Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH62BNP-270MC-B Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH62BNP-270MC-B
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH62BNP-270MC-B Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH62BNP-270MC-B Datasheet HTML 1Page - Sumida Corporation CDRH62BNP-270MC-B Datasheet HTML 2Page - Sumida Corporation CDRH62BNP-270MC-B Datasheet HTML 3Page - Sumida Corporation CDRH62BNP-270MC-B Datasheet HTML 4Page - Sumida Corporation CDRH62BNP-270MC-B Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH62B
Electrical Characteristics
0.19
4.94 (3.80)
330
±20%
331
CDRH62BNP-331MC-B
0.22
4.38 (3.37)
270
±20%
271
CDRH62BNP-271MC-B
0.23
3.12 (2.40)
220
±20%
221
CDRH62BNP-221MC-B
0.26
2.77 (2.13)
180
±20%
181
CDRH62BNP-181MC-B
0.28
2.18 (1.68)
150
±20%
151
CDRH62BNP-151MC-B
0.31
1.90 (1.46)
120
±20%
121
CDRH62BNP-121MC-B
0.34
1.39 (1.07)
100
±20%
101
CDRH62BNP-101MC-B
0.38
1.21 (0.93)
82
±20%
820
CDRH62BNP-820MC-B
0.42
1.07 (0.83)
68
±20%
680
CDRH62BNP-680MC-B
0.46
0.78 (0.58)
56
±20%
560
CDRH62BNP-560MC-B
0.50
0.69 (0.51)
47
±20%
470
CDRH62BNP-470MC-B
0.54
0.49 (0.37)
39
±20%
390
CDRH62BNP-390MC-B
0.59
0.45 (0.33)
33
±20%
330
CDRH62BNP-330MC-B
0.66
0.38 (0.29)
27
±20%
270
CDRH62BNP-270MC-B
0.74
0.34 (0.25)
22
±20%
220
CDRH62BNP-220MC-B
0.80
0.27 (0.20)
18
±20%
180
CDRH62BNP-180MC-B
0.90
0.23 (0.17)
15
±20%
150
CDRH62BNP-150MC-B
1.00
0.20 (0.15)
12
±20%
120
CDRH62BNP-120MC-B
1.10
0.15 (0.11)
10
±20%
100
CDRH62BNP-100MC-B
1.15
0.12 (87m)
8.0
+40%
-20%
8R0
CDRH62BNP-8R0NC-B
1.22
0.11 (81m)
7.1
+40%
-20%
7R1
CDRH62BNP-7R1NC-B
1.30
0.10 (77m)
6.3
+40%
-20%
6R3
CDRH62BNP-6R3NC-B
1.40
96m (71m)
5.5
+40%
-20%
5R5
CDRH62BNP-5R5NC-B
1.63
80m (59m)
4.0
+40%
-20%
4R0
CDRH62BNP-4R0NC-B
1.94
68m (50m)
2.9
+40%
-20%
2R9
CDRH62BNP-2R9NC-B
Rated Current
(A)
※2
D.C.R.(
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(μH)
[ within ]
※1
Stamp
Part Name
※1. Inductance measuring condition: 2.9μH ~ 8.0μH
at 7.96 MHz
10
μH ~ 330μH
at 1 kHz
※2. Rated current: The DC current at which the inductance decreases to 75% of it's nominal value or when △t=40℃,
whichever is lower (Ta=20
℃).


Similar Part No. - CDRH62BNP-270MC-B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH62BNP-271MB SUMIDA-CDRH62BNP-271MB Datasheet
205Kb / 6P
   CDRH62B
CDRH62BNP-271MC SUMIDA-CDRH62BNP-271MC Datasheet
205Kb / 6P
   CDRH62B
CDRH62BNP-27OMB SUMIDA-CDRH62BNP-27OMB Datasheet
205Kb / 6P
   CDRH62B
CDRH62BNP-27OMC SUMIDA-CDRH62BNP-27OMC Datasheet
205Kb / 6P
   CDRH62B
More results

Similar Description - CDRH62BNP-270MC-B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com