Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH74NP-120MC-B Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH74NP-120MC-B
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH74NP-120MC-B Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH74NP-120MC-B Datasheet HTML 1Page - Sumida Corporation CDRH74NP-120MC-B Datasheet HTML 2Page - Sumida Corporation CDRH74NP-120MC-B Datasheet HTML 3Page - Sumida Corporation CDRH74NP-120MC-B Datasheet HTML 4Page - Sumida Corporation CDRH74NP-120MC-B Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH74
Electrical Characteristics
※1. Inductance measuring condition: at 1 kHz.
※2. Rated current: The DC current at which the inductance decreases to 75% of its nominal value or when
△t=40℃, whichever is lower (Ta=20℃ ) .
0.18
6.00(4.80)
1.0mH
± 20%
102
CDRH74NP-102MC-B
0.20
5.20(4.16)
820
± 20%
821
CDRH74NP-821MC-B
0.22
4.63(3.71)
680
± 20%
681
CDRH74NP-681MC-B
0.23
3.62(2.89)
560
± 20%
561
CDRH74NP-561MC-B
0.26
3.01(2.41)
470
± 20%
471
CDRH74NP-471MC-B
0.29
2.85(2.28)
390
± 20%
391
CDRH74NP-391MC-B
0.32
1.86(1.49)
330
± 20%
331
CDRH74NP-331MC-B
0.34
1.64(1.32)
270
± 20%
271
CDRH74NP-271MC-B
0.36
1.17(0.90)
220
± 20%
221
CDRH74NP-221MC-B
0.42
0.98(0.76)
180
± 20%
181
CDRH74NP-181MC-B
0.46
0.88(0.68)
150
± 20%
151
CDRH74NP-151MC-B
0.52
0.66(0.51)
120
± 20%
121
CDRH74NP-121MC-B
0.60
0.61(0.47)
100
± 20%
101
CDRH74NP-101MC-B
0.61
0.43(0.33)
82
± 20%
820
CDRH74NP-820MC-B
0.69
0.38(0.30)
68
± 20%
680
CDRH74NP-680MC-B
0.75
0.35(0.27)
56
± 20%
560
CDRH74NP-560MC-B
0.88
0.26(0.20)
47
± 20%
470
CDRH74NP-470MC-B
0.91
0.23(0.18)
39
± 20%
390
CDRH74NP-390MC-B
0.96
0.17(0.13)
33
± 20%
330
CDRH74NP-330MC-B
1.12
0.15(0.12)
27
± 20%
270
CDRH74NP-270MC-B
1.23
0.11(77m)
22
± 20%
220
CDRH74NP-220MC-B
1.31
91m(70m)
18
± 20%
180
CDRH74NP-180MC-B
1.47
81m(62m)
15
± 20%
150
CDRH74NP-150MC-B
1.71
58m(44m)
12
± 20%
120
CDRH74NP-120MC-B
1.84
49m(38m)
10
± 20%
100
CDRH74NP-100MC-B
Rated Current
(A)
※2
D.C.R.(
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRH74NP-120MC-B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH74NP-120MC SUMIDA-CDRH74NP-120MC Datasheet
547Kb / 6P
   CDRH74
More results

Similar Description - CDRH74NP-120MC-B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com