Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS14C535MSA Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C535MSA
Description  5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C535MSA Datasheet(HTML) 8 Page - National Semiconductor (TI)

  DS14C535MSA Datasheet HTML 1Page - National Semiconductor (TI) DS14C535MSA Datasheet HTML 2Page - National Semiconductor (TI) DS14C535MSA Datasheet HTML 3Page - National Semiconductor (TI) DS14C535MSA Datasheet HTML 4Page - National Semiconductor (TI) DS14C535MSA Datasheet HTML 5Page - National Semiconductor (TI) DS14C535MSA Datasheet HTML 6Page - National Semiconductor (TI) DS14C535MSA Datasheet HTML 7Page - National Semiconductor (TI) DS14C535MSA Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
National Semiconductor
Europe
Fax: +49 (0) 1 80-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 1 80-530 85 85
English
Tel: +49 (0) 1 80-532 78 32
Français Tel: +49 (0) 1 80-532 93 58
Italiano
Tel: +49 (0) 1 80-534 16 80
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: sea.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
www.national.com
Order Number DS14C535MSA
NS Package Number MSA28
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - DS14C535MSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C535MSA/NOPB TI1-DS14C535MSA/NOPB Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
DS14C535MSAX/NOPB TI1-DS14C535MSAX/NOPB Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
More results

Similar Description - DS14C535MSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
   3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
National Semiconductor ...
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
   Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com