Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV138PWLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LV138PWLE
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV138PWLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV138PWLE Datasheet HTML 1Page - Texas Instruments SN74LV138PWLE Datasheet HTML 2Page - Texas Instruments SN74LV138PWLE Datasheet HTML 3Page - Texas Instruments SN74LV138PWLE Datasheet HTML 4Page - Texas Instruments SN74LV138PWLE Datasheet HTML 5Page - Texas Instruments SN74LV138PWLE Datasheet HTML 6Page - Texas Instruments SN74LV138PWLE Datasheet HTML 7Page - Texas Instruments SN74LV138PWLE Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN54LV138, SN74LV138
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS190D – FEBRUARY 1993 – REVISED JULY 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
SN54LV138
SN74LV138
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = –100 µA
MIN to MAX
VCC–0.2
VCC–0.2
VOH
IOH = –6 mA
3 V
2.4
2.4
V
IOH = –12 mA
4.5 V
3.6
3.6
IOL = 100 µA
MIN to MAX
0.2
0.2
VOL
IOL = 6 mA
3 V
0.4
0.4
V
IOL = 12 mA
4.5 V
0.55
0.55
II
VI =VCC or GND
3.6 V
±1
±1
µA
II
VI = VCC or GND
5.5 V
±1
±1
µA
ICC
VI =VCC or GND
IO =0
3.6 V
20
20
µA
ICC
VI = VCC or GND
IO = 0
5.5 V
20
20
µA
nICC
One input at
VCC – 0.6 V
Other inputs at
VCC or GND
3 V to 3.6 V
500
500
µA
Ci
VI =VCC or GND
3.3 V
2.5
2.5
pF
Ci
VI = VCC or GND
5 V
2.1
2.1
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN54LV138
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
t d
A, B, or C
Y
8
16
10
21
26
ns
tpd
Enable
Y
8
19
10
23
29
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN74LV138
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
t d
A, B, or C
Y
8
16
10
21
26
ns
tpd
Enable
Y
8
19
10
23
29
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
C d
Power dissipation capacitance per channel
CL =50 pF
f=10MHz
3.3 V
47
pF
Cpd
Power dissipation capacitance per channel
CL = 50 pF,
f = 10 MHz
5 V
49
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV138PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV138 TI-SN74LV138 Datasheet
378Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138-Q1 TI-SN74LV138-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV138A-Q1 Automotive 3-Line to 8-Line Decoders or Demultiplexers
DECEMBER 2022
SN74LV138A TI-SN74LV138A Datasheet
378Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138A TI-SN74LV138A Datasheet
649Kb / 18P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138A TI-SN74LV138A Datasheet
749Kb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV138PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com