Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV573DBLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LV573DBLE
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV573DBLE Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV573DBLE Datasheet HTML 1Page - Texas Instruments SN74LV573DBLE Datasheet HTML 2Page - Texas Instruments SN74LV573DBLE Datasheet HTML 3Page - Texas Instruments SN74LV573DBLE Datasheet HTML 4Page - Texas Instruments SN74LV573DBLE Datasheet HTML 5Page - Texas Instruments SN74LV573DBLE Datasheet HTML 6Page - Texas Instruments SN74LV573DBLE Datasheet HTML 7Page - Texas Instruments SN74LV573DBLE Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN54LV573, SN74LV573
OCTAL TRANSPARENT DTYPE LATCHES
WITH 3STATE OUTPUTS
SCLS198B − FEBRUARY 1993 − REVISED APRIL 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions (see Note 4)
SN54LV573
SN74LV573
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2.7
5.5
2.7
5.5
V
VIH
High-level input voltage
VCC = 2.7 V to 3.6 V
2
2
V
VIH
High-level input voltage
VCC = 4.5 V to 5.5 V
3.15
3.15
V
VIL
Low-level input voltage
VCC = 2.7 V to 3.6 V
0.8
0.8
V
VIL
Low-level input voltage
VCC = 4.5 V to 5.5 V
1.65
1.65
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
VCC = 2.7 V to 3.6 V
−8
−8
mA
IOH
High-level output current
VCC = 4.5 V to 5.5 V
−16
−16
mA
IOL
Low-level output current
VCC = 2.7 V to 3.6 V
8
8
mA
IOL
Low-level output current
VCC = 4.5 V to 5.5 V
16
16
mA
∆t/∆v
Input transition rise or fall rate
0
100
0
100
ns / V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 4: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
SN54LV573
SN74LV573
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = − 100 µA
MIN to MAX
VCC −0.2
VCC −0.2
VOH
IOH = − 8 mA
3 V
2.4
2.4
V
VOH
IOH = − 16 mA
4.5 V
3.6
3.6
V
IOL = 100 µA
MIN to MAX
0.2
0.2
VOL
IOL = 8 mA
3 V
0.4
0.4
V
VOL
IOL = 16 mA
4.5 V
0.55
0.55
V
II
VI = VCC or GND
3.6 V
±1
±1
A
II
VI = VCC or GND
5.5 V
±1
±1
µA
IOZ
VO = VCC or GND
3.6 V
±5
±5
A
IOZ
VO = VCC or GND
5.5 V
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
20
20
A
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
nICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
500
500
µA
Ci
VI = VCC or GND
3.3 V
2.5
2.5
pF
Ci
VI = VCC or GND
5 V
3
3
pF
Co
VO = VCC or GND
3.3 V
7
7
pF
Co
VO = VCC or GND
5 V
10
10
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV573DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV573DB TI-SN74LV573DB Datasheet
133Kb / 7P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV573DBLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com