Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV163ARGYRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LV163ARGYRG4
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV163ARGYRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV163ARGYRG4 Datasheet HTML 6Page - Texas Instruments SN74LV163ARGYRG4 Datasheet HTML 7Page - Texas Instruments SN74LV163ARGYRG4 Datasheet HTML 8Page - Texas Instruments SN74LV163ARGYRG4 Datasheet HTML 9Page - Texas Instruments SN74LV163ARGYRG4 Datasheet HTML 10Page - Texas Instruments SN74LV163ARGYRG4 Datasheet HTML 11Page - Texas Instruments SN74LV163ARGYRG4 Datasheet HTML 12Page - Texas Instruments SN74LV163ARGYRG4 Datasheet HTML 13Page - Texas Instruments SN74LV163ARGYRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SN54LV163A, SN74LV163A
4-BIT SYNCHRONOUS BINARY COUNTERS
SCLS405F − APRIL 1998 − REVISED APRIL 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV163A
SN74LV163A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
135*
210*
115*
115
MHz
fmax
CL = 50 pF
95
160
85
85
MHz
Q
4.7*
8.1*
1*
9.5*
1
9.5
t
CLK
RCO
(count mode)
C
15 pF
5.2*
8.1*
1*
9.5*
1
9.5
ns
tpd
C
RCO
(preset mode)
CL = 15 pF
6.4*
10.3*
1*
12*
1
12
ns
ENT
RCO
4.9*
8.1*
1*
9.5*
1
9.5
Q
6.1
10.1
1
11.5
1
11.5
t
CLK
RCO
(count mode)
C =50pF
6.6
10.1
1
11.5
1
11.5
ns
tpd
C
RCO
(preset mode)
CL = 50 pF
7.8
12.3
1
14
1
14
ns
ENT
RCO
6.3
10.1
1
11.5
1
11.5
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 6)
PARAMETER
SN74LV163A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.3
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.2
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 6: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
C
Power dissipation capacitance
C =50pF
f = 10 MHz
3.3 V
23.8
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
26
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV163ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV163ARGYRG4 TI-SN74LV163ARGYRG4 Datasheet
498Kb / 20P
[Old version datasheet]   4BIT SYNCHRONOUS BINARY
More results

Similar Description - SN74LV163ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com