Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC540ADWG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC540ADWG4
Description  Octal Buffers/Drivers with 3-State Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC540ADWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC540ADWG4 Datasheet HTML 5Page - Texas Instruments SN74LVC540ADWG4 Datasheet HTML 6Page - Texas Instruments SN74LVC540ADWG4 Datasheet HTML 7Page - Texas Instruments SN74LVC540ADWG4 Datasheet HTML 8Page - Texas Instruments SN74LVC540ADWG4 Datasheet HTML 9Page - Texas Instruments SN74LVC540ADWG4 Datasheet HTML 10Page - Texas Instruments SN74LVC540ADWG4 Datasheet HTML 11Page - Texas Instruments SN74LVC540ADWG4 Datasheet HTML 12Page - Texas Instruments SN74LVC540ADWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
OE1
OE2
To Seven Other Channels
A1
Y1
1
19
2
18
SN54LVC540A, SN74LVC540A
www.ti.com
SCAS297N – JANUARY 1993 – REVISED JUNE 2014
9 Detailed Description
9.1 Overview
These devices are ideal for driving bus lines or buffer memory address registers. These devices feature inputs
and outputs on opposite sides of the package that facilitate printed circuit board layout. The 3-state control gate
is a 2-input AND gate with active-low inputs so that, if either output-enable (OE1 or OE2) input is high, all outputs
are in the high-impedance state. Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the
use of these devices as translators in a mixed 3.3-V/5-V system environment. These devices are fully specified
for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current
backflow through the devices when they are powered down. To ensure the high-impedance state during power
up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the driver.
9.2 Functional Block Diagram
Figure 4. Logic Diagram (Positive Logic)
9.3 Feature Description
Wide operating voltage range
Operates from 1.65 V to 3.6 V
Allows down voltage translation
Inputs accept voltages to 5.5 V
Ioff Feature
Allows voltages on the inputs and outputs when VCC is 0 V
9.4 Device Functional Modes
Table 1. Function Table
INPUTS
OUTPUT
Y
OE1
OE2
A
L
L
L
H
L
L
H
L
H
X
X
Z
X
H
X
Z
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN54LVC540A SN74LVC540A


Similar Part No. - SN74LVC540ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC540ADW TI-SN74LVC540ADW Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC540ADW TI-SN74LVC540ADW Datasheet
451Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC540ADWE4 TI-SN74LVC540ADWE4 Datasheet
451Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC540ADWR TI-SN74LVC540ADWR Datasheet
451Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC540ADWRE4 TI-SN74LVC540ADWRE4 Datasheet
451Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC540ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com