Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G27 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G27
Description  Single 3-Input Positive-NOR Gate
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G27 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G27_15 Datasheet HTML 1Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 2Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 3Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 4Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 5Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 6Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 7Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 8Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
2
GND
V
CC
5
3
4
B
Y
6
1
A
C
DCK PACKAGE
(TOP VIEW)
3
4
B
2
GND
Y
5
1
A
V
CC
6
C
DRY PACKAGE
(TOP VIEW)
GND
V
CC
A
6
5
4
2
3
B
Y
C
1
YZP PACKAGE
(BOTTOM VIEW)
GND
V
CC
A
B
2
1
3
Y
5
4
6
C
A
B
DSF PACKAGE
(TOP VIEW)
GND
C
Y
V
CC
6
5
4
2
3
1
SN74LVC1G27
www.ti.com
SCES488E – SEPTEMBER 2003 – REVISED DECEMBER 2013
Single 3-Input Positive-NOR Gate
Check for Samples: SN74LVC1G27
1
FEATURES
DESCRIPTION
The SN74LVC1G27 device performs the Boolean
2
Available in the Texas Instruments NanoFree™
function Y = A + B + C or Y = A • B • C in positive
Package
logic.
Supports 5-V VCC Operation
NanoFree™
package
technology
is
a
major
Inputs Accept Voltages to 5.5 V
breakthrough in IC packaging concepts, using the die
Supports Down Translation to VCC
as the package.
Max tpd of 4.5 ns at 3.3 V
This device is fully specified for partial-power-down
Low Power Consumption, 10-µA Max ICC
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
±24-mA Output Drive at 3.3 V
through the device when it is powered down.
Ioff Supports Live Insertion, Partial-Power-
Down Mode, and Back-Drive Protection
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G27_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G27DBVR TI-SN74LVC1G27DBVR Datasheet
237Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LVC1G27DCKR TI-SN74LVC1G27DCKR Datasheet
237Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LVC1G27YEPR TI-SN74LVC1G27YEPR Datasheet
237Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LVC1G27YZPR TI-SN74LVC1G27YZPR Datasheet
237Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74LVC1G27_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G27 TI-SN74LVC1G27 Datasheet
237Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LV27A TI-SN74LV27A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SN74LV27A TI-SN74LV27A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3 INPUT POSITIVE NOR GATE
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com