Selected language     English  ▼


KTD-LM16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. KTD-LM16
Description  Memory Upgrade Module Kits for Dell Latitude LM Series
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Part No. 4401265-001.D00
Introduction:
Kingston Technology® manufactures four memory module kits for Dell® Latitude LM
Series: KTD-LM/8 (8MB), KTD-LM/16 (16MB), KTD-LM/32 (32MB) and KTD-LM/
64 (64MB). Each memory upgrade kit contains two modules (e.g., the KTD-LM/16 kit
contains two 8MB modules). Modules must be installed in pairs.
Installation Procedure:
1. Turn off the computer, disconnect the AC power adapter, and remove the recharge-
able battery.
2. Fold down the display screen
and carefully place the computer
upside down on your work sur-
face.
3. Your computer's memory expan-
sion sockets are concealed be-
hind a plastic cover. To access
the memory expansion sockets,
you must first remove the
memory compartment cover.
4. Install your Kingston memory
modules as shown in the illus-
tration. Note how the module is keyed to the socket. Insert the module into the memory
expansion socket at a slight angle. Once inserted, press the module down until it
clicks into position. Install the second module following the same procedure.
5. Once both Kingston modules are installed, replace the plastic memory compartment
cover.
6. Replace the computer's rechargeable battery pack; install the AC power adapter (if
applicable); place the computer right-side up; and connect any external cables dis-
connected during the installation process.
7. Open the computer's display screen and turn on the power. The computer will auto-
matically recognize the newly installed Kingston memory when it boots.
Order Information:
Kingston P/N
Dell® P/N
Description
KTD-LM/8
N/A
8MB Memory Kit
KTD-LM/16
311-6357
16MB Memory Kit
KTD-LM/32
311-6358
32MB Memory kit
KTD-LM/64
311-6359
64MB Memory kit
KTD-LM/8, /16, /32, and /64
Memory Upgrade Module Kits for
Dell® Latitude LM Series
Memory
Module
Keyed
Memory upgrade modules
must be installed in pairs.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR89-130D-1.27DSASocket for Memory Module Board 1 2 3 4 Hirose Electric
DS3900Serial Communications Module For Evaluation Kits 1 2 3 4 5 MoreDallas Semiconductor
163CNQ100The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature 1 2 3 4 5 MoreInternational Rectifier
TM12832ABCSPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MPC2002256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems 1 2 3 4 5 MoreMotorola, Inc
BD3533FRegulator IC for Memory termination 1 2 3 4 5 MoreRohm
PS96131 Mbps OPEN COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
PGT20401DFB/EA Laser Module for 10 Gb/s Applications 1 2 3 4 Ericsson
IRPT1057APower Module for 0.75 hp Motor Drives 1 2 3 4 5 MoreInternational Rectifier
TM161EBC6-1SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl