Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT162240 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT162240
Description  3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVT162240 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVT162240 Datasheet HTML 3Page - Texas Instruments SN74LVT162240 Datasheet HTML 4Page - Texas Instruments SN74LVT162240 Datasheet HTML 5Page - Texas Instruments SN74LVT162240 Datasheet HTML 6Page - Texas Instruments SN74LVT162240 Datasheet HTML 7Page - Texas Instruments SN74LVT162240 Datasheet HTML 8Page - Texas Instruments SN74LVT162240 Datasheet HTML 9Page - Texas Instruments SN74LVT162240 Datasheet HTML 10Page - Texas Instruments SN74LVT162240 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
GND
500
500
Data Input
Timing Input
2.7 V
0 V
2.7 V
0 V
2.7 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
2.7 V
0 V
Input
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOL + 0.3 V
VOH − 0.3 V
≈ 0 V
2.7 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
Open
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
SN54LVT162240
,, SN74LVT162240
3.3-V ABT 16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS719A – JULY 2000 – REVISED NOVEMBER 2006
Figure 1. Load Circuit and Voltage Waveforms
7
Submit Documentation Feedback


Similar Part No. - SN74LVT162240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT162240 TI-SN74LVT162240 Datasheet
210Kb / 1P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVT162240DGGR TI-SN74LVT162240DGGR Datasheet
210Kb / 1P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVT162240DGVR TI-SN74LVT162240DGVR Datasheet
210Kb / 1P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVT162240DL TI-SN74LVT162240DL Datasheet
210Kb / 1P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVT162240DLR TI-SN74LVT162240DLR Datasheet
210Kb / 1P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT162240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT16244B TI-SN54LVT16244B_08 Datasheet
637Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162240 TI-SN54LVTH162240_06 Datasheet
137Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16240 TI-SN74LVTH16240_07 Datasheet
224Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT16244B TI-SN54LVT16244B Datasheet
120Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI1-SN54LVTH162241_08 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162541 TI-SN54LVTH162541 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16241 TI-SN54LVTH16241 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A Datasheet
468Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A_08 Datasheet
624Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI-SN54LVTH162241 Datasheet
114Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com