Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT162240DGGRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74LVT162240DGGRE4
Description  3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVT162240DGGRE4 Datasheet(HTML) 4 Page - Texas Instruments

  74LVT162240DGGRE4 Datasheet HTML 1Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 2Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 3Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 4Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVT162240DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
1OE
1A1
1A2
1A3
1A4
1Y1
1Y2
1Y3
1Y4
1
47
46
44
43
2
3
5
6
2OE
2A1
2A2
2A3
2A4
2Y1
2Y2
2Y3
2Y4
48
41
40
38
37
8
9
11
12
3OE
3A1
3A2
3A3
3A4
3Y1
3Y2
3Y3
3Y4
25
36
35
33
32
13
14
16
17
4OE
4A1
4A2
4A3
4A4
4Y1
4Y2
4Y3
4Y4
24
30
29
27
26
19
20
22
23
Absolute Maximum Ratings
(1)
SN54LVT162240
,, SN74LVT162240
3.3-V ABT 16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS719A – JULY 2000 – REVISED NOVEMBER 2006
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
7
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
7
V
VO
Voltage range applied to any output in the high state(2)
–0.5
VCC + 0.5
V
IO
Current into any output in the low state
30
mA
IO
Current into any output in the high state(3)
30
mA
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
DGG package
70
θ
JA
Package thermal impedance(4)
DGV package
58
°C/W
DL package
63
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This current flows only when the output is in the high state and VO > VCC.
(4)
The package thermal impedance is calculated in accordance with JESD 51.
4
Submit Documentation Feedback


Similar Part No. - 74LVT162240DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVT162240DGGRE4 TI-74LVT162240DGGRE4 Datasheet
210Kb / 1P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVT162240DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT16244B TI-SN54LVT16244B_08 Datasheet
637Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162240 TI-SN54LVTH162240_06 Datasheet
137Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16240 TI-SN74LVTH16240_07 Datasheet
224Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT16244B TI-SN54LVT16244B Datasheet
120Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI1-SN54LVTH162241_08 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162541 TI-SN54LVTH162541 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16241 TI-SN54LVTH16241 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A Datasheet
468Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A_08 Datasheet
624Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI-SN54LVTH162241 Datasheet
114Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com