Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G66DSF2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G66DSF2
Description  SN74LVC1G66 Single Bilateral Analog Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G66DSF2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G66DSF2 Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DSF2 Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DSF2 Datasheet HTML 9Page - Texas Instruments SN74LVC1G66DSF2 Datasheet HTML 10Page - Texas Instruments SN74LVC1G66DSF2 Datasheet HTML 11Page - Texas Instruments SN74LVC1G66DSF2 Datasheet HTML 12Page - Texas Instruments SN74LVC1G66DSF2 Datasheet HTML 13Page - Texas Instruments SN74LVC1G66DSF2 Datasheet HTML 14Page - Texas Instruments SN74LVC1G66DSF2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VCC
VO
GND
B or A
C
A or B
VCC
VC
VIH
RL
10 k
CL
50 pF
600
10
µF
(ON)
VCC/2
VCC = 1.65 V, VI = 1.4 VP-P
VCC = 2.3 V, VI = 2 VP-P
VCC = 3 V, VI = 2.5 VP-P
VCC = 4.5 V, VI = 4 VP-P
fin
10
µF
VCC
VO
GND
B or A
C
A or B
VCC
VC
VIL
RL
CL
50
0.1
µF
(OFF)
VCC/2
RL/CL: 600 Ω/50 pF
RL/CL: 50 Ω/5 pF
fin
RL
VCC/2
11
SN74LVC1G66
www.ti.com
SCES323P – JUNE 2001 – REVISED MARCH 2016
Product Folder Links: SN74LVC1G66
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 8. Feedthrough (Switch OFF)
Figure 9. Sine-Wave Distortion


Similar Part No. - SN74LVC1G66DSF2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66DBVR TI-SN74LVC1G66DBVR Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVR TI-SN74LVC1G66DBVR Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVRE4 TI-SN74LVC1G66DBVRE4 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVRG4 TI-SN74LVC1G66DBVRG4 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVT TI-SN74LVC1G66DBVT Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74LVC1G66DSF2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com