Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G10DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G10DBVR
Description  Single 3-Input Positive-NAND Gate
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G10DBVR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G10DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SN74LVC1G10
www.ti.com
SCES486E – SEPTEMBER 2003 – REVISED DECEMBER 2013
Recommended Operating Conditions
(1)
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VCC = 1.65 V to 1.95 V
0.35 × VCC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
Δt/Δv
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
10
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC1G10


Similar Part No. - SN74LVC1G10DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G10DBVR TI-SN74LVC1G10DBVR Datasheet
252Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE NAND GATE
SN74LVC1G10DBVR TI-SN74LVC1G10DBVR Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10DBVRE4 TI-SN74LVC1G10DBVRE4 Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
More results

Similar Description - SN74LVC1G10DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10_10 Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G10_1107 DIODES-74LVC1G10_1107 Datasheet
314Kb / 13P
   SINGLE 3 INPUT POSITIVE NAND GATE
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
   SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G10 DIODES-74LVC1G10 Datasheet
291Kb / 14P
   SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10 Datasheet
252Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com