Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV1T86 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV1T86
Description  Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T86 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LV1T86 Datasheet HTML 5Page - Texas Instruments SN74LV1T86 Datasheet HTML 6Page - Texas Instruments SN74LV1T86 Datasheet HTML 7Page - Texas Instruments SN74LV1T86 Datasheet HTML 8Page - Texas Instruments SN74LV1T86 Datasheet HTML 9Page - Texas Instruments SN74LV1T86 Datasheet HTML 10Page - Texas Instruments SN74LV1T86 Datasheet HTML 11Page - Texas Instruments SN74LV1T86 Datasheet HTML 12Page - Texas Instruments SN74LV1T86 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VMI
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
1 M
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Output
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns.
C. The outputs are measured one at a time, with one transition per measurement.
D. tPLH and tPHL are the same as tpd.
VMO
VMo
VMo
VMo
VMI
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
CL
VMI
VMO
5, 10, 15, 30 pF
VI/2
VCC/2
5, 10, 15, 30 pF
VI/2
VCC/2
SN74LV1T86
www.ti.com
SCLS742A – NOVMEBER 2013 – REVISED FEBRUARY 2014
5 Parameter Measurement Information
Figure 5. Load Circuit and Voltage Waveforms
5.1 More Product Selection
DEVICE
PACKAGE
DESCRIPTION
SN74LV1T00
DCK, DBV
2-Input Positive-NAND Gate
SN74LV1T02
DCK, DBV
2-Input Positive-NOR Gate
SN74LV1T08
DCK, DBV
Inverter Gate
SN74LV1T08
DCK, DBV
2-Input Positive-AND Gate
SN74LV1T17
DCK, DBV
Single Buffer Gate with 3-state Output
SN74LV1T14
DCK, DBV
Single Schmitt-Trigger Inverter Gate
SN74LV1T32
DCK, DBV
2-Input Positive-OR Gate
SN74LV1T50
DCK, DBV
Single Buffer Gate with 3-state Output
SN74LV1T86
DCK, DBV
Single 2-Input Exclusive-Or Gate
SN74LV1T125
DCK, DBV
Single Buffer Gate with 3-state Output
SN74LV1T126
DCK, DBV
Single Buffer Gate with 3-state Output
SN74LV4T125
RGY, PW
Quadruple Bus Buffer Gate With 3-State Outputs
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LV1T86


Similar Part No. - SN74LV1T86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T86 TI1-SN74LV1T86 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
898Kb / 18P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
1Mb / 21P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
More results

Similar Description - SN74LV1T86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T86 TI1-SN74LV1T86_18 Datasheet
1Mb / 21P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV1T86_1809 TI1-SN74LV1T86_1809 Datasheet
1Mb / 24P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
190Kb / 8P
   2-Input Exclusive OR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GT86A RENESAS-HD74LV1GT86A Datasheet
104Kb / 7P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT86 LRC-L74VHC1GT86 Datasheet
395Kb / 6P
   2-Input Exclusive OR Gate - CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV2GT86A RENESAS-HD74LV2GT86A Datasheet
82Kb / 8P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT86DFT1G ONSEMI-MC74VHC1GT86DFT1G Datasheet
121Kb / 6P
   2-Input Exclusive OR Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 16
logo
Renesas Technology Corp
HD74LV2GT86A RENESAS-HD74LV2GT86A_15 Datasheet
106Kb / 10P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
Texas Instruments
SN74LV1T86-Q1 TI1-SN74LV1T86-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74LV1T86-Q1 Automotive Single Power Supply 2-Input Exclusive-OR Gate CMOS Logic Level Shifter
AUGUST 2023
SN74LV1T32 TI1-SN74LV1T32 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com