Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV1T08 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV1T08
Description  Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T08 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LV1T08 Datasheet HTML 3Page - Texas Instruments SN74LV1T08 Datasheet HTML 4Page - Texas Instruments SN74LV1T08 Datasheet HTML 5Page - Texas Instruments SN74LV1T08 Datasheet HTML 6Page - Texas Instruments SN74LV1T08 Datasheet HTML 7Page - Texas Instruments SN74LV1T08 Datasheet HTML 8Page - Texas Instruments SN74LV1T08 Datasheet HTML 9Page - Texas Instruments SN74LV1T08 Datasheet HTML 10Page - Texas Instruments SN74LV1T08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SN74LV1T32
www.ti.com
SCLS741A – NOVMEBER 2013 – REVISED FEBRUARY 2014
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
IOL = 20 µA
1.65 V to 5.5 V
0.1
0.1
IOL = 2.0 mA
1.65 V
0.2
0.25
IOH = 3 mA
2.3V
0.15
0.2
VOL
IOL = 3 mA
0.1
0.15
V
3.0 V
IOL = 5.5 mA
0.2
0.252
IOL = 4 mA
0.15
0.2
4.5 V
IOL = 8 mA
0.3
0.35
0V, 1.8V, 2.5V,
II
A input
VI = 0 V or VCC
0.1
±1
μA
3.3V, 5.5 V
5.0 V
1
10
3.3 V
1
10
VI = 0 V or VCC,
ICC
μA
IO = 0; open on loading
2.5 V
1
10
1.8V
1
10
One input at 0.3V or
3.4V,
5.5 V
1.35
1.5
mA
Other inputs at 0 or VCC,
IO = 0
ΔICC
One input at 0.3V or
1.1V
1.8V
10
10
μA
Other inputs at 0 or VCC,
IO = 0
Ci
VI = VCC or GND
3.3 V
2
10
2
10
pF
Co
VO = VCC or GND
3.3 V
2.5
2.5
pF
4.5 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 7)
TA = 25°C
TA = –65°C to 125°C
FROM
TO
FREQUENCY
PARAMETER
VCC
CL
UNIT
(INPUT)
(OUTPUT)
(TYP)
MIN
TYP
MAX
MIN
TYP
MAX
15pF
4
5
4
5
5.0V
ns
30pF
5.5
7.0
5.5
7.0
DC to 50 MHz
15pF
4.8
5
5
5.5
3.3V
ns
30pF
5
5.5
5.5
6.5
tpd
Any In
Y
15pF
6
6.5
7
7.5
DC to 25 MHz
2.5V
ns
30pF
6.5
7.5
7.5
8.5
15pF
10.5
11
11
12
DC to 15 MHz
1.8V
ns
30pF
12
13
12
14
4.6 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
1.8 V ± 0.15 V
14
2.5 V ± 0.2 V
14
Cpd
Power dissipation capacitance
f = 1 MHz and 10 MHz
pF
3.3 V ± 0.3 V
14
5.5 V ± 0.5 V
14
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LV1T32


Similar Part No. - SN74LV1T08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T08 TI1-SN74LV1T08 Datasheet
848Kb / 16P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08 Datasheet
898Kb / 18P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08 Datasheet
922Kb / 19P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
More results

Similar Description - SN74LV1T08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T32 TI1-SN74LV1T32_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T32_1809 TI1-SN74LV1T32_1809 Datasheet
739Kb / 21P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T02_1809 TI1-SN74LV1T02_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T08_1809 TI1-SN74LV1T08_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
SN74LV1T02 TI1-SN74LV1T02 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08 Datasheet
848Kb / 16P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
SN74LV1T02 TI1-SN74LV1T02_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T00 TI1-SN74LV1T00 Datasheet
868Kb / 16P
[Old version datasheet]   Single Power Supply 2-Input Positive NAND Gate CMOS Logic Level Shifter
SN74LV1T00_1809 TI1-SN74LV1T00_1809 Datasheet
2Mb / 33P
[Old version datasheet]   Single Power Supply 2-Input Positive NAND Gate CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com