Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV123ATPWRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV123ATPWRQ1
Description  Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV123ATPWRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LV123ATPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74LV123ATPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74LV123ATPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74LV123ATPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74LV123ATPWRQ1 Datasheet HTML 9Page - Texas Instruments SN74LV123ATPWRQ1 Datasheet HTML 10Page - Texas Instruments SN74LV123ATPWRQ1 Datasheet HTML 11Page - Texas Instruments SN74LV123ATPWRQ1 Datasheet HTML 12Page - Texas Instruments SN74LV123ATPWRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
50% V
CC
t
PLH
t
PHL
V
OH
V
OL
V
CC
50% V
CC
50% V
CC
VCC
Input A
(see Note b)
50% V CC
0 V
0 V
In-Phase
Output
Out-of-Phase
Output
Input B
(see Note b)
V
OL
V
OH
50% V
CC
t
PLH
t
PHL
t
PHL
t
PLH
V
OH
V
OH
V
OL
V
OL
V
CC
0 V
50% V
CC
Input CLR
(see Note b)
Out-of-Phase
Output
In-Phase
Output
50% V
CC
50% V
CC
50% V
CC
50% V
CC
Test
Point
C L
(see Note a)
From Output
Under Test
V
CC
0 V
t w
Inputs or
Outputs
50% V
CC
50% V
CC
9
SN74LV123A-Q1
www.ti.com
SCLS467F – FEBRUARY 2003 – REVISED JUNE 2016
Product Folder Links: SN74LV123A-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 6. Load Circuit
Figure 7. Voltage Waveforms Pulse Duration
Figure 8. Voltage Waveforms Delay Times
Figure 9. Voltage Waveforms Delay Times
a. CL includes probe and jig capacitance.
b. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr =
3 ns, tf = 3 ns.
c. The outputs are measured one at a time, with one input transition per measurement.


Similar Part No. - SN74LV123ATPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123ATPWRQ1 TI-SN74LV123ATPWRQ1 Datasheet
163Kb / 10P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
More results

Similar Description - SN74LV123ATPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123A-Q1 TI-SN74LV123A-Q1 Datasheet
163Kb / 10P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
SN74LV123A-EP TI1-SN74LV123A-EP Datasheet
475Kb / 12P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G123 TI-SN74LVC1G123 Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74LVC1G123-Q100 NEXPERIA-74LVC1G123-Q100 Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123 NEXPERIA-74LVC1G123 Datasheet
331Kb / 24P
   Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
logo
Texas Instruments
SN74LV221A-Q1 TI1-SN74LV221A-Q1 Datasheet
197Kb / 14P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI1-SN54LV123A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrators With Schmitt-Trigger Inputs
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com