Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV1T86 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV1T86
Description  Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T86 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV1T86 Datasheet HTML 2Page - Texas Instruments SN74LV1T86 Datasheet HTML 3Page - Texas Instruments SN74LV1T86 Datasheet HTML 4Page - Texas Instruments SN74LV1T86 Datasheet HTML 5Page - Texas Instruments SN74LV1T86 Datasheet HTML 6Page - Texas Instruments SN74LV1T86 Datasheet HTML 7Page - Texas Instruments SN74LV1T86 Datasheet HTML 8Page - Texas Instruments SN74LV1T86 Datasheet HTML 9Page - Texas Instruments SN74LV1T86 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SN74LV4T125
SCLS749B – FEBRUARY 2014 – REVISED SEPTEMBER 2014
www.ti.com
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
VCC = 1.65 V to 1.9 V
0.95
1
VCC = 2.3 V to 2.7 V
1.1
1.2
High-level input
VIH
V
voltage
VCC = 3 V to 3.6 V
1.3
1.35
VCC = 4.5 V to 5.0 V
2
2
VCC = 1.65 V to 1.9 V
0.55
0.5
VCC = 2.3 V to 2.77 V
0.7
0.6
Low-level input
VIL
V
voltage
VCC = 3 V to 3.6 V
0.85
0.75
VCC = 4.5 V to 5.5 V
0.9
0.85
IOH = –50 µA
VCC = 1.65 V to 5.5 V
VCC – 0.1
VCC – 0.1
V
IOH = –2 mA
VCC = 1.65 V
1.4
1.35
V
IOH = –3 mA
VCC = 2.3 V
2.05
2.0
V
IOH = –5 mA
2.7
2.6
VOH
VCC = 3.0 V
V
IOH = –8 mA
2.6
2.5
IOH = –8 mA
3.7
3.6
VCC = 4.5 V
V
IOH = –16 mA
3.8
3.7
IOH = –16 mA
VCC = 5.0 V
4.4
4.3
V
IOL = 50 µA
VCC = 1.65 V to 5.5 V
0.1
0.1
V
VCC = 1.65 V
0.1
0.1
IOH = 2 mA
V
VCC = 1.8 V
0.2
0.3
VCC = 2.3 V
0.2
0.3
IOH = 3 mA
V
VCC = 2.5 V
0.25
0.3
VOL
IOH = 5 mA
0.35
0.4
VCC = 3.0 V
V
IOH = 8 mA
0.4
0.45
IOH = 8 mA
VCC = 3.3 V
0.45
0.5
V
IOH = 8 mA
0.50
0.55
VCC = 4.5 V
V
IOH = 16 mA
0.55
0.55
IOH = 16 mA
VCC = 5.0 V
0.55
0.55
V
VCC = 0 V, 1.8 V,
II
A input
VI =0 V or VCC
±0.1
±1
μA
2.5 V, 3.3 V, 5.5 V
VCC = 5.0 V
2
20
VCC = 3.3 V
2
20
VI = 0 V or VCC,
ICC
μA
IO = 0; open on loading
VCC = 2.5 V
2
20
VCC = 1.8 V
2
20
One input at 0.3 V or 3.4 V
Other inputs at 0 or VCC,
VCC = 5.5 V
IO = 0
∆ICC
1.35
1.5
μA
One input at 0.3 V or 1.1 V
Other inputs at 0 or VCC,
VCC = 1.8 V
IO = 0
IOZ
VO = VCC or GND
VCC = 5.5 V
±0.25
±2.5
μA
Ioff
VO or VI = 0 to 5.5 V
VCC = 0 V
0.5
5
μA
Ci
VI = VCC or GND
VCC = 3.3 V
1.6
1.6
pF
Co
VO = VCC or GND
VCC = 3.3 V
4.8
4.8
pF
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: SN74LV4T125


Similar Part No. - SN74LV1T86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T86 TI1-SN74LV1T86 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
898Kb / 18P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
922Kb / 19P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV1T86 TI1-SN74LV1T86 Datasheet
1Mb / 21P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
More results

Similar Description - SN74LV1T86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54SC4T125-SEP TI-SN54SC4T125-SEP Datasheet
918Kb / 18P
[Old version datasheet]   SN54SC4T125-SEP Radiation Tolerant, Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
NOVEMBER 2023
SN54SC4T125-SEP TI1-SN54SC4T125-SEP_V01 Datasheet
1,011Kb / 23P
[Old version datasheet]   SN54SC4T125-SEP Radiation Tolerant, Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
NOVEMBER 2023
SN74LV1T125 TI1-SN74LV1T125_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_15 Datasheet
948Kb / 20P
[Old version datasheet]   SN74LV1T126 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125_15 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV1GT125A RENESAS-HD74LV1GT125A Datasheet
116Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV1GT126A RENESAS-HD74LV1GT126A Datasheet
113Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com