Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI2032E-110LT48 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI2032E-110LT48
Description  In-System Programmable SuperFAST High Density PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032E-110LT48 Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI2032E-110LT48 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2032E-110LT48 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032E-110LT48 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032E-110LT48 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032E-110LT48 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032E-110LT48 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032E-110LT48 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032E-110LT48 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032E-110LT48 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Specifications ispLSI 2032E
5
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
-200
MIN.
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of four GLBs, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-bit counter using GRP feedback.
4. Reference Switching Test Conditions section.
Table 2-0030A/2032E
1
1
tsu2 + tco1
(
)
-180
MIN.
MAX.
MAX.
DESCRIPTION
#
2
4
PARAMETER
A1
Data Prop. Delay, 4PT Bypass, ORP Bypass
3.5
5.0
ns
tpd2
A2
Data Prop. Delay
ns
fmax
A3
Clk Frequency with Int. Feedback3
200
180
MHz
fmax (Ext.)
–4
Clk Frequency with Ext. Feedback
MHz
fmax (Tog.)
–5
Clk Frequency, Max. Toggle
MHz
tsu1
–6
GLB Reg. Setup Time before Clk, 4 PT Bypass
ns
tco1
A7
GLB Reg. Clk to Output Delay, ORP Bypass
ns
th1
–8
GLB Reg. Hold Time after Clk, 4 PT Bypass
0.0
ns
tsu2
–9
GLB Reg. Setup Time before Clk
3.5
ns
tco2
–10 GLB Reg. Clk to Output Delay
ns
th2
–11 GLB Reg. Hold Time after Clk
0.0
ns
tr1
A12 Ext. Reset Pin to Output Delay, ORP Bypass
ns
trw1
–13 Ext. Reset Pulse Duration
3.5
ns
tptoeen
B14 Input to Output Enable
ns
tptoedis
C15 Input to Output Disable
ns
tgoeen
B16 Global OE Output Enable
ns
tgoedis
C17 Global OE Output Disable
ns
twh
–18 Ext. Synch. Clk Pulse Duration, High
2.0
ns
twl
–19 Ext. Synch. Clk Pulse Duration, Low
2.0
ns
167
250
2.5
2.5
3.5
5.0
7.0
7.0
3.5
3.5
5.5
-225
MIN. MAX.
3.5
225
0.0
3.5
0.0
3.5
2.0
2.0
167
250
2.5
2.5
3.5
5.0
7.0
7.0
3.5
3.5
5.5
125
200
3.0
0.0
4.0
0.0
4.0
2.5
2.5
7.5
4.0
4.5
6.5
10.0
10.0
5.0
5.0


Similar Part No. - ISPLSI2032E-110LT48

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032 LATTICE-ISPLSI2032 Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LJ LATTICE-ISPLSI2032-110LJ Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LJI LATTICE-ISPLSI2032-110LJI Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LT44 LATTICE-ISPLSI2032-110LT44 Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LT44I LATTICE-ISPLSI2032-110LT44I Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI2032E-110LT48

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com