Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV138ATPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV138ATPWR
Description  3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV138ATPWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV138ATPWR Datasheet HTML 1Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 2Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 3Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 4Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 5Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 6Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 7Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 8Page - Texas Instruments SN74LV138ATPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
G2A
G2B
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
Y0
Y1
Y2
Y3
Y4
Y5
B
C
G2A
G2B
G1
Y7
DESCRIPTION/ORDERING INFORMATION
SN74LV138AT
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SCLS691 – AUGUST 2005
Inputs Are TTL-Voltage Compatible
I
off Supports Partial-Power Down Mode
Operation
4.5-V to 5.5-V V
CC Operation
Latch-Up Performance Exceeds 250 mA Per
Max t
pd of 7.6 ns at 5 V
JESD 17
Typical V
OLP (Output Ground Bounce)
ESD Protection Exceeds JESD 22
<0.8 V at V
CC = 5 V, TA = 25°C
– 2000-V Human-Body Model (A114-A)
Typical V
OHV (Output VOH Undershoot)
>2.3 V at V
CC = 5 V, TA = 25°C
– 200-V Machine Model (A115-A)
Support Mixed-Mode Voltage Operation on All
– 1000-V Charged-Device Model (C101)
Ports
The SN74LV138AT is a 3-line to 8-line decoder/demultiplexer, designed for high-performance memory-decoding
or data-routing applications requiring very short propagation delay times. In high-performance memory systems,
this decoder can be used to minimize the effects of system decoding. When employed with high-speed memories
utilizing a fast enable circuit, the delay times of the decoder and the enable time of the memory usually are less
than the typical access time of the memory. This means that the effective system delay introduced by the
decoder is negligible.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LV138ATRGYR
VV138AT
Tube of 40
SN74LV138ATD
SOIC – D
LV138AT
Reel fo 2500
SN74LV138ATDR
SOP – NS
Reel of 2000
SN74LV138ATNSR
74LV138AT
–40
°C to 125°C
SSOP – DB
Reel of 2000
SN74LV138ATDBR
LV138AT
TVSOP – DGV
Reel of 2000
SN74LV138ATDGVR
LV138AT
Tube of 90
SN74LV138ATPW
TSSOP – PW
Reel of 2000
SN74LV138ATPWR
LV138AT
Reel of 250
SN74LV138ATPWT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LV138ATPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV138ATPWR TI1-SN74LV138ATPWR Datasheet
867Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138ATPWRE4 TI1-SN74LV138ATPWRE4 Datasheet
867Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138ATPWRG4 TI1-SN74LV138ATPWRG4 Datasheet
867Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results

Similar Description - SN74LV138ATPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
74AC11138 TI-74AC11138 Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
SN74AHCT138Q-Q1 TI1-SN74AHCT138Q-Q1 Datasheet
275Kb / 12P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74AHCT138-EP TI1-SN74AHCT138-EP Datasheet
463Kb / 11P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT Datasheet
867Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
74AC11138 TI1-74AC11138_15 Datasheet
985Kb / 18P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com