Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G3157DBV Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1G3157DBV
Description  SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G3157DBV Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G3157DBV Datasheet HTML 2Page - Texas Instruments SN74LVC1G3157DBV Datasheet HTML 3Page - Texas Instruments SN74LVC1G3157DBV Datasheet HTML 4Page - Texas Instruments SN74LVC1G3157DBV Datasheet HTML 5Page - Texas Instruments SN74LVC1G3157DBV Datasheet HTML 6Page - Texas Instruments SN74LVC1G3157DBV Datasheet HTML 7Page - Texas Instruments SN74LVC1G3157DBV Datasheet HTML 8Page - Texas Instruments SN74LVC1G3157DBV Datasheet HTML 9Page - Texas Instruments SN74LVC1G3157DBV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
SN74LVC1G3157
SCES424J – JANUARY 2003 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN74LVC1G3157
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
Cio(off)
Switch input/output
capacitance
Bn
5 V
5.2
pF
Cio(on)
Switch input/output
capacitance
Bn
5 V
17.3
pF
A
17.3
(1)
Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads –3 dB.
(2)
Adjust fin voltage to obtain 0 dBm at input.
(3)
Specified by design
6.6 Analog Switch Characteristics
TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
VCC
TYP
UNIT
Frequency
response(1)
(switch on)
A or Bn
Bn or A
RL = 50 Ω, fin = sine wave
(see Figure 6)
1.65 V
340
MHz
2.3 V
340
3 V
340
4.5 V
340
Crosstalk(2)
(between switches)
B1 or B2
B2 or B1
RL = 50 Ω, fin = 10 MHz (sine wave)
(see Figure 7)
1.65 V
–54
dB
2.3 V
–54
3 V
–54
4.5 V
–54
Feed through
attenuation(2)
(switch off)
A or Bn
Bn or A
CL = 5 pF, RL = 50 Ω,
fin = 10 MHz (sine wave)
(see Figure 8)
1.65 V
–57
dB
2.3 V
–57
3 V
–57
4.5 V
–57
Charge injection(3)
S
A
CL = 0.1 nF, RL = 1 MΩ
(see Figure 9)
3.3 V
3
pC
5 V
7
Total harmonic
distortion
A or Bn
Bn or A
VI = 0.5 Vp-p, RL = 600 Ω,
fin = 600 Hz to 20 kHz (sine wave)
(see Figure 10)
1.65 V
0.1%
2.3 V
0.025%
3 V
0.015%
4.5 V
0.01%
(1)
tpd is the slower of tPLH or tPHL. The propagation delay is calculated RC time constant of the typical ON-state resistance of the switch
and the specified load capacitance when driven by an ideal voltage source (zero output impedance).
(2)
ten is the slower of tPZL or tPZH.
(3)
tdis is the slower of tPLZ or tPHZ.
(4)
Specified by design.
6.7 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 5 and Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
(1)
A or Bn
Bn or A
2
1.2
0.8
0.3
ns
ten
(2)
S
Bn
7
24
3.5
14
2.5
7.6
1.7
5.7
ns
tdis
(3)
3
13
2
7.5
1.5
5.3
0.8
3.8
tB-M
(4)
0.5
0.5
0.5
0.5
ns


Similar Part No. - SN74LVC1G3157DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157DBVR TI-SN74LVC1G3157DBVR Datasheet
313Kb / 16P
[Old version datasheet]   SINGLE-POLE, DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI-SN74LVC1G3157DBVR Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI-SN74LVC1G3157DBVR Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI1-SN74LVC1G3157DBVR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI1-SN74LVC1G3157DBVR Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results

Similar Description - SN74LVC1G3157DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_15 Datasheet
1Mb / 35P
[Old version datasheet]   SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com