Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16-2516 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 16-2516
Description  CABL E TIES S CREW MOU NT BASE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

16-2516 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  16-2516 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16 Series
CABLE TIES SCREW MOUNT BASE
Qualtek Electronics
ISO-9001 Company
www.Qualtekusa.com
LENGTH
N: Natural
B: Normal UV Black
C: 100PCS
Number: Other Quantity
1 6
B
C
1509
SERIES
SIZE
MATERIAL/COLOR
PACKAGE SIZE
PART NUMBER SYSTEM
NYLON 6.6
GENERAL PURPOSE
APPLICATION OPERATING TEMPERATURE: -40°C to +85°C
Part Number
Length
mm [Inch]
Width
mm [Inch]
Height
mm [Inch]
Diameter
mm [Inch]
16-1509
16-1712
16-2216
16-2516
3.30 [.130]
4.31 [.170]
5.20 [.205]
5.20 [.205]
15.2 [.600]
17.8 [.700]
22.0 [.870]
25.4 [1.00]
6.80 [.267]
8.20 [.320]
9.60 [.385]
9.4 [.370]
Cable Ties
Width up to
4.8 [.189]
4.8 [.189]
7.6 [.300]
9.0 [.354]
12.7 [.500]
16.2 [.640]
16.2 [.640]
10.80 [.425]
mm [Inch]
DIAMETER


Similar Part No. - 16-2516

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16-204 ETC2-16-204 Datasheet
1Mb / 30P
   LICON. SNAP ACTION SWITCHES
logo
ITT Industries
16-20UNEF ITT-16-20UNEF Datasheet
326Kb / 31P
   The miniature circular connectors series KPT and KPSE from ITT Cannon are Manufactured acc
logo
Everlight Electronics C...
16-213-BHC-AN1P2-3T EVERLIGHT-16-213-BHC-AN1P2-3T Datasheet
163Kb / 10P
   0402 Package Chip LED (0.45mm Height)
16-213-BHC-AN1P2-3T EVERLIGHT-16-213-BHC-AN1P2-3T Datasheet
346Kb / 10P
   0402 Package Chip LED (0.45mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
16-213-BHC-AN1P2-3T TO-GRACE-16-213-BHC-AN1P2-3T Datasheet
787Kb / 11P
   0402 Package Chip LED (0.45mm Height)
More results

Similar Description - 16-2516

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
13_SERIES QUALTEK-13_SERIES Datasheet
1Mb / 1P
   BEAD ED CABL E TIES
15_SERIES QUALTEK-15_SERIES Datasheet
1Mb / 1P
   CABL E TIES R UBBE R ADH ESIVE MOUNTING BASE
logo
Shanghai Leiditech Elec...
S-10BJ LEIDITECH-S-10BJ Datasheet
1Mb / 6P
   1000W Transi e nt Vo l t a ge S uppressor
logo
List of Unclassifed Man...
RTN250 ETC-RTN250 Datasheet
317Kb / 1P
   LIT EPIP E짰 FOR SUR FACE MOU NT AND STA NDAR D LEDs
logo
CamdenBoss Ltd.
CTBP1000 CAMDENBOSS-CTBP1000 Datasheet
416Kb / 1P
   5mm pitch standard profiles crew 5mm pitc h standard pro f i l e s c rew
logo
Hubbell Incorporated.
PREMISE_HFCD15006R6 HUBBELL-PREMISE_HFCD15006R6 Datasheet
227Kb / 1P
   Indoor Distribution Cabl Riser
logo
List of Unclassifed Man...
BT-4-10-RD ETC2-BT-4-10-RD Datasheet
112Kb / 1P
   BEADED TIES
BT-12-01-NT ETC2-BT-12-01-NT Datasheet
112Kb / 1P
   BEADED TIES
logo
Linx Technologies
TRM-868-NT LINX-TRM-868-NT Datasheet
2Mb / 23P
   NT Series Transceiver Module
2018
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com