Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT455BU Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LT455BU
Description  PIEZO-CERAMIC FILTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LT455BU Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LT455BU Datasheet HTML 1Page - List of Unclassifed Manufacturers LT455BU Datasheet HTML 2Page - List of Unclassifed Manufacturers LT455BU Datasheet HTML 3Page - List of Unclassifed Manufacturers LT455BU Datasheet HTML 4Page - List of Unclassifed Manufacturers LT455BU Datasheet HTML 5Page - List of Unclassifed Manufacturers LT455BU Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4、 测试
MEASUREMENT
4.1
测试条件
Test Condition
基准测试温度为 25±2℃。常温测试为 15℃~35℃。
Criteria test should be condncted at temperature of
25
±2℃,and
ordinary
tempratare test at 15℃~35℃。
4.2
测试线路
Test Circuit
输入 Input
Ground
输出 Output
5 、外形尺寸
DIMENSIONS
单位 Unit: mm
标称公差: ±0.3
Standard tolarance


Similar Part No. - LT455BU

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT455BU AURIS-LT455BU Datasheet
130Kb / 1P
   Filter THT
logo
Shoulder Electronics Li...
LT455BU SHOULDER-LT455BU Datasheet
91Kb / 2P
   CERAMIC FILTER
logo
auris-GmbH
LT455BU AURIS-LT455BU Datasheet
196Kb / 1P
   Filter THT, Ceramic
LT455BU AURIS-LT455BU Datasheet
240Kb / 1P
   Filter SMD, Ceramic
logo
Token Electronics Indus...
LT455BU TOKEN-LT455BU Datasheet
326Kb / 3P
   LT 455/450 U/W Ceramic Filters
More results

Similar Description - LT455BU

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AB3528B PUI-AB3528B Datasheet
55Kb / 1P
   PIEZO CERAMIC BENDER
AB1560B PUI-AB1560B Datasheet
50Kb / 1P
   PIEZO CERAMIC BENDER
AB2734B PUI-AB2734B Datasheet
53Kb / 1P
   PIEZO CERAMIC BENDER
logo
List of Unclassifed Man...
EPM121 ETC2-EPM121 Datasheet
18Kb / 1P
   Piezo Ceramic Transducers
logo
Projects Unlimited, Inc...
AB2726B PUI-AB2726B Datasheet
53Kb / 1P
   PIEZO CERAMIC BENDER
logo
Kyocera Kinseki Corpota...
KBS-20DA-7A KSS-KBS-20DA-7A Datasheet
68Kb / 2P
   Piezo Ceramic Elements
logo
Projects Unlimited, Inc...
AB3529BF PUI-AB3529BF Datasheet
54Kb / 1P
   PIEZO CERAMIC BENDER
AB4113B PUI-AB4113B Datasheet
41Kb / 1P
   PIEZO CERAMIC BENDER
AB2720B PUI-AB2720B Datasheet
49Kb / 1P
   PIEZO CERAMIC BENDER
AB3526B PUI-AB3526B Datasheet
50Kb / 1P
   PIEZO CERAMIC BENDER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com