Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29LV160BF-70I Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY29LV160BF-70I
Description  16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV160BF-70I Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY29LV160BF-70I Datasheet HTML 5Page - Hynix Semiconductor HY29LV160BF-70I Datasheet HTML 6Page - Hynix Semiconductor HY29LV160BF-70I Datasheet HTML 7Page - Hynix Semiconductor HY29LV160BF-70I Datasheet HTML 8Page - Hynix Semiconductor HY29LV160BF-70I Datasheet HTML 9Page - Hynix Semiconductor HY29LV160BF-70I Datasheet HTML 10Page - Hynix Semiconductor HY29LV160BF-70I Datasheet HTML 11Page - Hynix Semiconductor HY29LV160BF-70I Datasheet HTML 12Page - Hynix Semiconductor HY29LV160BF-70I Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
Rev. 1.2/May 01
HY29LV160
Write Operation
Certain operations, including programming data
and erasing sectors of memory, require the host
to write a command or command sequence to the
HY29LV160. Writes to the device are performed
by placing the byte or word address on the device’s
address inputs while the data to be written is input
on DQ[15:0] (BYTE# = High) or DQ[7:0] (BYTE#
= Low). The host system must drive the CE# and
WE# pins Low and drive OE# High for a valid write
operation to take place. All addresses are latched
on the falling edge of WE# or CE#, whichever
happens later. All data is latched on the rising edge
of WE# or CE#, whichever happens first.
The “Device Commands” section of this data sheet
provides details on the specific device commands
implemented in the HY29LV160.
Standby Operation
When the system is not reading or writing to the
device, it can place the HY29LV160 in the Standby
mode. In this mode, current consumption is greatly
reduced, and the data bus outputs are placed in
the high impedance state, independent of the OE#
input. The Standby mode can be invoked using
two methods.
The device enters the CE# Deep Standby mode
when the CE# and RESET# pins are both held at
V
CC ± 0.3V.
Note that this is a more restricted
voltage range than V
IH . If both CE# and RESET#
are held at V
IH, but not within VCC ± 0.3V, the de-
vice will be in the CE# Normal Standby mode, but
the standby current will be greater.
The device enters the RESET# Deep Standby
mode when the RESET# pin is held at V
SS ± 0.3V.
If RESET# is held at V
IL but not within VSS ± 0.3V,
the device will be in the RESET# Normal Standby
mode, but the standby current will be greater. See
Reset Operation for additional information.
The device requires standard access time (t
CE) for
read access when the device is in either of the
standby modes, before it is ready to read data. If
the device is deselected during erasure or pro-
gramming, it continues to draw active current until
the operation is completed.
Sleep Mode
The sleep mode automatically minimizes device
power consumption. This mode is automatically
entered when addresses remain stable for t
ACC +
30 ns (typical) and is independent of the state of
the CE#, WE#, and OE# control signals. Stan-
dard address access timings provide new data
when addresses are changed. While in sleep
mode, output data is latched and always available
to the system.
NOTE: Sleep mode is entered only when the device is
in read mode. It is not entered if the device is executing
an automatic algorithm, if it is in erase suspend mode,
or during receipt of a command sequence.
Output Disable Operation
When the OE# input is at V
IH, output data from the
device is disabled and the data bus pins are placed
in the high impedance state.
Reset Operation
The RESET# pin provides a hardware method of
resetting the device to reading array data. When
the RESET# pin is driven low for the minimum
specified period, the device immediately termi-
nates any operation in progress, tri-states the data
bus pins, and ignores all read/write commands for
the duration of the RESET# pulse. The device also
resets the internal state machine to reading array
data. If an operation was interrupted by the as-
sertion of RESET#, it should be reinitiated once
the device is ready to accept another command
sequence to ensure data integrity.
Current is reduced for the duration of the RESET#
pulse as described in the Standby Operation sec-
tion above.
If RESET# is asserted during a program or erase
operation, the RY/BY# pin remains Low (busy) until
the internal reset operation is complete, which re-
quires a time of t
READY (during Automatic Algo-
rithms). The system can thus monitor RY/BY# to
determine when the reset operation completes,
and can perform a read or write operation t
RB after
RY/BY# goes High. If RESET# is asserted when
a program or erase operation is not executing (RY/
BY# pin is High), the reset operation is completed
within a time of t
RP. In this case, the host can per-
form a read or write operation t
RH after the RE-
SET# pin returns High .
The RESET# pin may be tied to the system reset
signal. Thus, a system reset would also reset the
device, enabling the system to read the boot-up
firmware from the Flash memory.


Similar Part No. - HY29LV160BF-70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320B HYNIX-HY29LV320B Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-12 HYNIX-HY29LV320BF-12 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-12I HYNIX-HY29LV320BF-12I Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-70 HYNIX-HY29LV320BF-70 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV160BF-70I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
logo
Toshiba Semiconductor
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
   16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com