Part Name
         Description
M11B416256A

 256 K x 16 DRAM EDO PAGE MODE ( 15 Page)


ESMT
100% 
Zoom Out Zoom In
 6 page
background image
EliteMT
M11B416256A
Elite Memory Technology Inc
Publication Date : Feb. 2004
Revision : 1.9
6/15
Notes :
1.
Enables on-chip refresh and address counters.
2.
VIH(min) and VIL(max) are reference levels for
measuring timing of input signals. Transition times
are measured between VIH and VIL.
3.
In addition to meet the transition rate specification,
all input signals must transit between VIH and VIL in a
monotonic manner.
4.
Assume that tRCD < tRCD(max). If tRCD is greater than
the maximum recommended value shown in this
table, tRAC will increase by the amount that tRCD
exceeds the value shown.
5.
Assume that tRCD
≥ tRCD (max)
6.
If CAS is low at the falling edge of RAS , data-out
will be maintained from the previous cycle. To initiate
a new cycle and clear the data-out buffer, CAS and
RAS
must be pulsed high.
7.
Operation within the tRCD limit ensures that tRCD
(max) can be met, tRCD (max) is specified as a
reference point only ; if tRCD is greater than the
specified tRCD (max) limit, access time is controlled
by tCAC.
8.
Operation within the tRAD limit ensures that tRAD(max)
can be met. tRAD(max) is specified as a reference
point only ; if tRAD is greater than the specified tRAD
(max) limit, access time is controlled by tAA.
9.
Either tRCH or tRRH must be satisfied for a READ
cycle.
10.
tOFF1(max) defines the time at which the output
achieves the open circuit condition ; it is not a
reference to VOH or VOL.
11.
tWCS, tRWD, tAWD and tCWD are restrictive operating
parameters
in
LATE
WRITE
and
READ-MODIFY-WRITE cycle only. If tWCS
tWCS(min) , the cycle is an EARLY WRITE cycle and
the data output will remain an open circuit throughout
the entire cycle. If tRWD
≥ tRWD(min) , tAWD tAWD(min)
and tCWD
≥ tCWD(min) , the cycle is READ-WRITE and
the data output will contain data read from the
selected cell. If neither of the above conditions is
met, the state of I/O (at access time and until CAS
and RAS or OE go
back to VIH ) is indeterminate. OE held high and
WE taken low after CAS goes low result in a LATE
WRITE ( OE -controlled) cycle.
12. Those parameters are referenced to CAS leading
edge in EARLY WRITE cycles and WE leading edge
in LATE WRITE or READ-MODIFY- WRITE cycles.
13. During a READ cycle, if OE is low then taken HIGH
before CAS goes high, I/O goes open, if OE is tied
permanently
low,
a
LATE
WRITE
or
READ-MODIFY-WRITE operation is not possible.
14. An initial pause of 200µs is required after power-up
followed by eight RAS refresh cycles ( RAS only or
CBR) before proper device operation is assured. The
eight RAS cycle wake-ups should be repeated any
time the tREF refresh requirement is exceeded.
15. WRITE command is defined as WE going low.
16. LATE WRITE and READ-MODIFY-WRITE cycles must
have both tOFF2 and tOEH met ( OE high during
WRITE cycle) in order to ensure that the output
buffers will be open during the WRITE cycles.
17. The I/Os open during READ cycles once tOFF1 or tOFF2
occur.
18. Referenced to the earlier CAS falling edge.
19. Referenced to the latter CAS rising edge.
20. Output parameter (I/O) is referenced to corresponding
CAS
input, IO0~7 by CASL
and IO8~15 by
CASH
.
21. Last falling CAS edge to first rising CAS edge.
22. Last rising CAS edge to next cycle’s last rising
CAS
edge.
23. Last rising CAS edge to first falling CAS edge.
24. Each CAS must meet minimum pulse width.
25. Referenced to the latter CAS falling edge.
26. All IOs controlled by OE , regardless CASL and
CASH
.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS4LC4M4883C4 MEG x 4 DRAM 3.3V EDO PAGE MODE 1 2 3 4 5 MoreAustin Semiconductor
IS41C16128128K x 16 2-MBIT DYNAMIC RAM WITH EDO PAGE MODE 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
MD51V6540516 777 216-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MT4C1004J4 MEG x 1 DRAM FAST PAGE MODE 1 2 3 4 5 MoreAustin Semiconductor
MT4C4001J1 MEG x 4 DRAM Fast Page Mode DRAM 1 2 3 4 5 MoreAustin Semiconductor
AS4CM4EOQ4M X 4 CMOS Quad CAS DRAM EDO family 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AM70PDL127BDH2 x 64 Megabit 8 M x 16-Bit CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit 8 M x 16-Bit CMOS 1 2 3 4 5 MoreSPANSION
AM70PDL127CDH2 x 64 Megabit 8 M x 16-Bit CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit 8 M x 16-Bit CMOS 1 2 3 4 5 MoreAdvanced Micro Devices
MSC23232D-XXBS162 097 152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets
KM44C16000B16M x 4bit CMOS Dynamic RAM with Fast Page Mode 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl