Part Name
         Description
M11B416256A

 256 K x 16 DRAM EDO PAGE MODE ( 15 Page)


ESMT
100% 
Zoom Out Zoom In
 
 1 page
background image
EliteMT
M11B416256A
Elite Memory Technology Inc
Publication Date : Feb. 2004
Revision : 1.9
1/15
DRAM
256 K x 16 DRAM
EDO PAGE MODE
FEATURES
X16 organization
EDO (Extended Data-Output) access mode
2 CAS Byte/Word Read/Write operation
Single 5V (
± 10%) power supply
TTL-compatible inputs and outputs
512-cycle refresh in 8ms
Refresh modes : RAS only, CAS BEFORE RAS (CBR)
and HIDDEN
JEDEC standard pinout
Key AC Parameter
tRAC
tCAC
tRC
tPC
-25
25
8
43
10
-28
28
9
48
11
-30
30
9
55
12
-35
35
10
65
14
-40
40
11
75
16
ORDERING INFORMATION - PACKAGE
40-pin 400mil SOJ
44 / 40-pin 400mil TSOP (TypeII)
PRODUCT NO.
PACKING TYPE
M11B416256A-25J
M11B416256A-28J
M11B416256A-30J
M11B416256A-35J
M11B416256A-40J
SOJ
M11B416256A-25T
M11B416256A-28T
M11B416256A-30T
M11B416256A-35T
M11B416256A-40T
TSOPII
GENERAL DESCRIPTION
The M11B416256A is a randomly accessed solid state memory, organized as 262,144 x 16 bits device. It offers Extended
Data-Output , 5V(
± 10%) single power supply. Access time (-25,-28,-30,-35,-40) and package type (SOJ, TSOP II) are optional
features of this family. All these family have CAS - before - RAS , RAS -only refresh and Hidden refresh capabilities.
Two access modes are supported by this device : Byte access and Word access. Use only one of the two CAS and leave
the other staying high will result in a BYTE access. WORD access happens when two CAS ( CASL , CASH ) are used.
CASL
transiting low during READ or WRITE cycle will output or input data into the lower byte (IO0~IO7), and CASH
transiting low will output or input data into the upper byte (IO8~15).
PIN ASSIGNMENT
SOJ Top View
TSOP (TypeII) Top View
1
2
3
4
5
6
7
8
9
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
40
39
38
37
36
35
34
33
32
VSS
I/O15
I/O14
I/O13
I/O12
VSS
I/O11
I/O10
I/O9
10
11
12
13
14
15
16
17
18
19
20
I/O7
NC
NC
WE
RA S
NC
A0
A1
A2
A3
VCC
31
30
29
28
27
26
25
24
23
22
21
I/O8
NC
CASL
CASH
OE
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
VCC
I/O0
I/O1
I/O2
I/O3
VCC
I/O4
I/O5
I/O6
I/O7
NC
NC
WE
RA S
NC
A0
A1
A2
A3
VCC
40
39
38
37
36
35
34
33
32
31
VSS
I/O15
I/O14
I/O13
I/O12
VSS
I/O11
I/O10
I/O9
I/O8
NC
CASL
C ASH
OE
A8
A7
A6
A5
A4
VSS
11
12
13
14
15
16
17
18
19
20
30
29
28
27
26
25
24
23
22
21
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS4LC4M4883C4 MEG x 4 DRAM 3.3V EDO PAGE MODE 1 2 3 4 5 MoreAustin Semiconductor
IS41C16128128K x 16 2-MBIT DYNAMIC RAM WITH EDO PAGE MODE 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
MD51V6540516 777 216-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MT4C1004J4 MEG x 1 DRAM FAST PAGE MODE 1 2 3 4 5 MoreAustin Semiconductor
MT4C4001J1 MEG x 4 DRAM Fast Page Mode DRAM 1 2 3 4 5 MoreAustin Semiconductor
AS4CM4EOQ4M X 4 CMOS Quad CAS DRAM EDO family 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AM70PDL127BDH2 x 64 Megabit 8 M x 16-Bit CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit 8 M x 16-Bit CMOS 1 2 3 4 5 MoreSPANSION
AM70PDL127CDH2 x 64 Megabit 8 M x 16-Bit CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit 8 M x 16-Bit CMOS 1 2 3 4 5 MoreAdvanced Micro Devices
MSC23232D-XXBS162 097 152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets
KM44C16000B16M x 4bit CMOS Dynamic RAM with Fast Page Mode 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl