Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G74MDCUTEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G74MDCUTEP
Description  SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G74MDCUTEP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G74MDCUTEP Datasheet HTML 1Page - Texas Instruments SN74LVC2G74MDCUTEP Datasheet HTML 2Page - Texas Instruments SN74LVC2G74MDCUTEP Datasheet HTML 3Page - Texas Instruments SN74LVC2G74MDCUTEP Datasheet HTML 4Page - Texas Instruments SN74LVC2G74MDCUTEP Datasheet HTML 5Page - Texas Instruments SN74LVC2G74MDCUTEP Datasheet HTML 6Page - Texas Instruments SN74LVC2G74MDCUTEP Datasheet HTML 7Page - Texas Instruments SN74LVC2G74MDCUTEP Datasheet HTML 8Page - Texas Instruments SN74LVC2G74MDCUTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FEATURES
DCUPACKAGE
(TOP VIEW)
3
6
CLR
Q
8
1
V
CC
CLK
5
GND
4
Q
2
7
PRE
D
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G74-EP
www.ti.com ....................................................................................................................................................................................................... SCES718 – MAY 2008
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
WITH CLEAR AND PRESET
• Controlled Baseline
• Inputs Accept Voltages to 5.5 V
One Assembly Site
• Max t
pd of 7.9 ns at 3.3 V
One Test Site
• Low Power Consumption, 10 µA Max I
CC
One Fabrication Site
• ±24 mA Output Drive at 3.3 V
• Extended Temperature Performance of –55°C
• Typical V
OLP (Output Ground Bounce)
to 125
°C
<0.8 V at VCC = 3.3 V, TA = 25°C
• Enhanced Diminishing Manufacturing Sources
• Typical V
OHV (Output VOH Undershoot)
(DMS) Support
>2 V at VCC = 3.3 V, TA = 25°C
• Enhanced Product-Change Notification
• I
off Supports Partial Power Down Mode
Operation
• Qualification Pedigree (1)
• Latch-Up Performance Exceeds 100 mA Per
• Supports 5-V V
CC Operation
JESD 78, Class II
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
• ESD Protection Exceeds JESD 22
extended temperature range. This includes, but is not limited
2000-V Human-Body Model (A114-A)
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
200-V Machine Model (A115-A)
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
1000-V Charged-Device Model (C101)
justifying use of this component beyond specified
performance and environmental limits.
This single positive edge triggered D-type flip-flop is designed for 1.65-V to 5.5-V VCC operation.
A low level at the preset (PRE) or clear (CLR) input sets or resets the outputs, regardless of the levels of the
other inputs. When PRE and CLR are inactive (high), data at the data (D) input meeting the setup time
requirements is transferred to the outputs on the positive-going edge of the clock pulse. Clock triggering occurs
at a voltage level and is not related directly to the rise time of the clock pulse. Following the hold-time interval,
data at the D input can be changed without affecting the levels at the outputs.
This device is fully specified for partial power down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G74MDCUTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74 TI-SN74LVC2G74 Datasheet
355Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74 Datasheet
440Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74 Datasheet
540Kb / 16P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI1-SN74LVC2G74 Datasheet
1Mb / 25P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
SN74LVC2G74-EP TI1-SN74LVC2G74-EP Datasheet
451Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - SN74LVC2G74MDCUTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74 TI1-SN74LVC2G74_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
SN74LVC2G74 TI-SN74LVC2G74 Datasheet
355Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74 TI-SN74AUC1G74 Datasheet
266Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP Datasheet
451Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74_08 Datasheet
440Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-Q1 TI1-SN74LVC2G74-Q1_15 Datasheet
770Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Unisonic Technologies
U74LVC1G74 UTC-U74LVC1G74 Datasheet
185Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LVC2G74 TI-SN74LVC2G74_09 Datasheet
540Kb / 16P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-Q1 TI-SN74LVC2G74-Q1 Datasheet
153Kb / 10P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC1G74 TI1-SN74LVC1G74 Datasheet
720Kb / 19P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com