Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G86DCURG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G86DCURG4
Description  Dual 2-Input Exclusive-OR Gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G86DCURG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC2G86DCURG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G86DCURG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G86DCURG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G86DCURG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G86DCURG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G86DCURG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G86DCURG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G86DCURG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G86DCURG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN74LVC2G86
SCES360I – AUGUST 2001 – REVISED DECEMBER 2013
www.ti.com
Recommended Operating Conditions
(1)
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VCC = 1.65 V to 1.95 V
0.35 × VCC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
Δt/Δv
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G86


Similar Part No. - SN74LVC2G86DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI1-SN74LVC2G80 Datasheet
887Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC2G80 TI1-SN74LVC2G80 Datasheet
888Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC2G80DCTR TI-SN74LVC2G80DCTR Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results

Similar Description - SN74LVC2G86DCURG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com