Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC3G06DCTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC3G06DCTR
Description  Triple Inverter Buffer/Driver With Open-Drain Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G06DCTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC3G06DCTR Datasheet HTML 3Page - Texas Instruments SN74LVC3G06DCTR Datasheet HTML 4Page - Texas Instruments SN74LVC3G06DCTR Datasheet HTML 5Page - Texas Instruments SN74LVC3G06DCTR Datasheet HTML 6Page - Texas Instruments SN74LVC3G06DCTR Datasheet HTML 7Page - Texas Instruments SN74LVC3G06DCTR Datasheet HTML 8Page - Texas Instruments SN74LVC3G06DCTR Datasheet HTML 9Page - Texas Instruments SN74LVC3G06DCTR Datasheet HTML 10Page - Texas Instruments SN74LVC3G06DCTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Aug-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LVC3G06DCTR
ACTIVE
SM8
DCT
8
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
C06
Z
SN74LVC3G06DCTRE4
ACTIVE
SM8
DCT
8
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
C06
Z
SN74LVC3G06DCUR
ACTIVE
VSSOP
DCU
8
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-1-260C-UNLIM
-40 to 125
(C06Q ~ C06R)
SN74LVC3G06DCURG4
ACTIVE
VSSOP
DCU
8
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
C06R
SN74LVC3G06DCUT
ACTIVE
VSSOP
DCU
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-1-260C-UNLIM
-40 to 125
(C06Q ~ C06R)
SN74LVC3G06YZPR
ACTIVE
DSBGA
YZP
8
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
(CT7 ~ CTN)
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.


Similar Part No. - SN74LVC3G06DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06DCTR TI-SN74LVC3G06DCTR Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G06DCTR TI1-SN74LVC3G06DCTR Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06DCTRE4 TI1-SN74LVC3G06DCTRE4 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
More results

Similar Description - SN74LVC3G06DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07 TI1-SN74LVC3G07_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07 TI1-SN74LVC3G07_18 Datasheet
935Kb / 18P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07-Q1 TI1-SN74LVC3G07-Q1 Datasheet
270Kb / 9P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07_08 Datasheet
405Kb / 12P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07-EP TI-SN74LVC3G07-EP Datasheet
338Kb / 10P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com