Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC3G04DCURG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC3G04DCURG4
Description  Triple Inverter Gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G04DCURG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC3G04DCURG4 Datasheet HTML 1Page - Texas Instruments SN74LVC3G04DCURG4 Datasheet HTML 2Page - Texas Instruments SN74LVC3G04DCURG4 Datasheet HTML 3Page - Texas Instruments SN74LVC3G04DCURG4 Datasheet HTML 4Page - Texas Instruments SN74LVC3G04DCURG4 Datasheet HTML 5Page - Texas Instruments SN74LVC3G04DCURG4 Datasheet HTML 6Page - Texas Instruments SN74LVC3G04DCURG4 Datasheet HTML 7Page - Texas Instruments SN74LVC3G04DCURG4 Datasheet HTML 8Page - Texas Instruments SN74LVC3G04DCURG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN74LVC3G04
www.ti.com
SCES363L – AUGUST 2001 – REVISED NOVEMBER 2013
Recommended Operating Conditions
(1)
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VCC = 1.65 V to 1.95 V
0.35 × VCC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
Δt/Δv
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC3G04


Similar Part No. - SN74LVC3G04DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G04DCUR TI-SN74LVC3G04DCUR Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE INVERTER GATE
More results

Similar Description - SN74LVC3G04DCURG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC3G04G-S08-R UTC-U74LVC3G04G-S08-R Datasheet
196Kb / 5P
   TRIPLE INVERTER GATE
logo
Texas Instruments
SN74LVC3G04 TI-SN74LVC3G04 Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE INVERTER GATE
SN74LVC3GU04 TI-SN74LVC3GU04 Datasheet
253Kb / 11P
[Old version datasheet]   TRIPLE INVERTER GATE
logo
Diodes Incorporated
74LVC3G04 DIODES-74LVC3G04 Datasheet
463Kb / 8P
   TRIPLE INVERTER GATE
November 2022 2 - 2
logo
Texas Instruments
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com