Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17-EHD500 Datasheet(PDF) 2 Page - Qualtek Electronics Corporation

Part # 17-EHD500
Description  STAN DARD NY LON CABLE TIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

17-EHD500 Datasheet(HTML) 2 Page - Qualtek Electronics Corporation

  17-EHD500 Datasheet HTML 1Page - Qualtek Electronics Corporation 17-EHD500 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17 Series
NYLON 6.6
GENERAL PURPOSE
MATERIAL OPERATING TEMPERATURE: -40°C to +85°C
APPLICATION OPERATING TEMPERATURE: -10°C to +85°C
STANDARD NYLON CABLE TIES
Qualtek Electronics
ISO-9001 Company
www.Qualtekusa.com
17-EHD400
17-EHD450
17-EHD500
17-EHD550
17-EHD610
17-EHD750
17-EHD760
17-EHD780
17-EHD810
17-EHD920
17-EHD1220
Part Number
Width
80 [175]
80 [175]
80 [175]
80 [175]
80 [175]
80 [175]
80 [175]
80 [175]
80 [175]
80 [175]
80 [175]
8.8 [.345]
8.8 [.345]
8.8 [.345]
8.8 [.345]
8.8 [.345]
8.8 [.345]
8.8 [.345]
8.8 [.345]
9.0 [.350]
9.0 [.350]
9.0 [.350]
115.0 [4.52]
130.5 [5.13]
146.5 [5.76]
163.5 [6.43]
181.5 [7.14]
226.5 [9.91]
229.5 [9.03]
235.5 [9.27]
245.0 [9.64]
280.0 [11.0]
375.5 [14.7]
mm [Inch]
Length
mm [Inch]
400 [15.7]
450 [18.0]
500 [19.7]
550 [21.6]
610 [24.0]
750 [29.5]
760 [30.0]
780 [30.5]
810 [32.0]
920 [36.0]
Max Bundle
Diameter
mm [Inch]
Min Loop Tensile
Kg [lb]
HSD - 250lb
17-HSD530
17-HSD650
17-HSD1000
17-HSD1030
110 [250]
110 [250]
110 [250]
110 [250]
12.4 [.490]
12.4 [.490]
12.4 [.490]
12.4 [.490]
156.0 [5.90]
195.0 [7.60]
305.0 [12.0]
315.0 [12.4]
530 [21.0]
650 [25.5]
WIDTH
1220 [48.0]
1000 [40.0]
1030 [40.5]
N: Natural
WH: White
B: Normal UV Black
UVB: Weather Resistant Black
HSB: Heat Stabilized Black
HSN: Heat Stabilized Natural
HT: High Heat Resistant Natural
LT: Low Temperature Resistant Natural
V0: Flame Retardant Natural
G: Green
BL: Blue
Y: Yellow
R: Red
P: Purple
BR: Brown
GR: Gray
O: Orange
FG: Fluorescent Green
FL: Fluorescent Yellow
FB: Fluorescent Blue
FO: Fluorescent Orange
S: Silver
L: 50PCS
C: 100PCS
D: 500PCS
M: 1000PCS
Number: Other Quantity
E H D
1 7
B
M
6 1 0
SERIES
CROSS SECTION
LENGTH
MATERIAL/COLOR
PACKAGE SIZE
PART NUMBER SYSTEM
EHD - 175lb
APPROVALS :
1
Notes:
1. 17-EHD750, 17-M260HSN, 17-M260HSB, 17-S550HSN, 17-S550HSB, 17-HD750HSN, 17-HD750HSB, 17-M260HT, 17-S550HT, 17-HD750HT,
17-EHD400HT, 17-EHD450HT, 17-EHD500HT, 17-EHD550HT, 17-EHD610HT, 17-EHD760HT, 17-EHD780HT, 17-EHD810HT, 17-EHD920HT,
17-EHD1220HT, 17-EHD750UVB, are not UL approved
Material/Color LT and V0 are not UL approved
Rev. B


Similar Part No. - 17-EHD500

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
17-0018-20 ZILOG-17-0018-20 Datasheet
581Kb / 22P
   Real-time clock support
17-0018-47 ZILOG-17-0018-47 Datasheet
581Kb / 22P
   Real-time clock support
logo
Aries Electronics, Inc.
17-002-152FBP ARIES-17-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
17-002-171PTLHT ARIES-17-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
17-002-172PTLHT ARIES-17-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
More results

Similar Description - 17-EHD500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAS1101 ETC2-NAS1101 Datasheet
2Mb / 4P
   NATIONAL AEROSPACE STAN DARD
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
   Nylon Cable Ties
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
   Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
   Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
   Identification Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
   3M??Cable Ties
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
   Stainless Steel Cable Ties
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
   Cable Ties and Fixings
10/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com