Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17-EHD610PL Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 17-EHD610PL
Description  STAN DARD NY LON CABLE TIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

17-EHD610PL Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  17-EHD610PL Datasheet HTML 1Page - Qualtek Electronics Corporation 17-EHD610PL Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17 Series
NYLON 6.6
GENERAL PURPOSE
MATERIAL OPERATING TEMPERATURE: -40°C to +85°C
APPLICATION OPERATING TEMPERATURE: -10°C to +85°C
STANDARD NYLON CABLE TIES
Qualtek Electronics
ISO-9001 Company
www.Qualtekusa.com
17-M80
17-M100
17-M120
17-M130
17-M150
17-M160
17-M200
17-M260
Part Number
Width
8 [18]
8 [18]
8 [18]
8 [18]
8 [18]
8 [18]
8 [18]
8 [18]
2.5 [.098]
2.5 [.098]
2.5 [.098]
2.5 [.098]
2.5 [.098]
2.5 [.098]
2.5 [.098]
2.5 [.098]
14.0 [0.55]
20.5 [0.80]
27.0 [1.06]
30.0 [1.18]
36.5 [1.43]
39.8 [1.56]
52.5 [2.06]
71.6 [2.81]
mm [Inch]
Length
mm [Inch]
100 [4.0]
120 [4.7]
130 [5.0]
150 [6.0]
160 [6.3]
200 [8.0]
260 [10.2]
Max Bundle
Diameter
mm [Inch]
Min Loop Tensile
Kg [lb]
I - 40lb
17-I140
17-I150
17-I180
17-I200
17-I250
17-I280
17-I300
17-I370
18 [40]
18 [40]
18 [40]
18 [40]
18 [40]
18 [40]
18 [40]
18 [40]
3.6 [.14]
3.6 [.14]
3.6 [.14]
3.6 [.14]
3.6 [.14]
3.6 [.14]
3.6 [.14]
3.6 [.14]
33.0 [1.30]
36.0 [1.41]
46.0 [1.81]
52.5 [2.06]
68.0 [2.67]
78.0 [3.07]
84.0 [3.30]
140 [5.5]
150 [6.0]
180 [7.0]
200 [8.0]
250 [10.0]
280 [11.0]
300 [11.8]
370 [14.5]
S - 50lb
17-S120
17-S160
17-S180
17-S190
17-S200
17-S250
17-S280
17-S300
17-S350
17-S360
17-S370
17-S380
17-S390
17-S400
17-S430
17-S450
17-S500
17-S550
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
22 [50]
4.6 [.181]
4.6 [.181]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
4.8 [.189]
23.8 [0.93]
36.6 [1.32]
43.0 [1.68]
46.0 [1.81]
49.5 [1.94]
65.0 [2.55]
74.8 [2.94]
81.0 [3.18]
97.0 [3.81]
120 [4.7]
160 [6.3]
180 [7.0]
190 [7.5]
200 [8.0]
250 [10.0]
280 [11.0]
300 [11.8]
350 [13.7]
360 [14.0]
370 [14.5]
380 [15.0]
390 [15.3]
400 [15.7]
430 [17.0]
450 [17.7]
500 [19.7]
550 [21.6]
HD - 120lb
17-HD150
17-HD200
17-HD220
17-HD250
17-HD300
17-HD350
17-HD365
17-HD380
17-HD400
17-HD450
17-HD540
17-HD550
17-HD750
55 [120]
55 [120]
55 [120]
55 [120]
55 [120]
55 [120]
55 [120]
55 [120]
55 [120]
55 [120]
55 [120]
55 [120]
55 [120]
7.6 [.300]
7.6 [.300]
7.6 [.300]
7.6 [.300]
7.6 [.300]
7.6 [.300]
7.6 [.300]
7.6 [.300]
7.6 [.300]
7.6 [.300]
7.6 [.300]
7.6 [.300]
7.6 [.300]
35.0 [1.37]
50.9 [2.00]
57.2 [2.25]
66.8 [2.62]
82.8 [3.25]
98.5 [3.87]
150 [6.0]
200 [8.0]
220 [8.6]
250 [10.0]
300 [11.8]
350 [13.7]
365 [14.0]
380 [15.0]
400 [15.7]
450 [17.0]
540 [21.0]
550 [21.6]
750 [29.5]
106.0 [4.17]
100.0 [3.93]
103.5 [4.07]
106.7 [4.20]
110.0 [4.33]
113.1 [4.45]
122.5 [4.82]
129.0 [5.07]
145.0 [5.70]
160.9 [6.33]
103.5 [4.07]
108.0 [4.25]
114.5 [4.50]
130.5 [5.13]
159.0 [6.25]
162.5 [6.39]
226.1 [8.90]
WIDTH
M - 18lb
80 [3.2]
APPROVALS :
1
Notes:
1. 17-EHD750, 17-M260HSN, 17-M260HSB, 17-S550HSN, 17-S550HSB, 17-HD750HSN, 17-HD750HSB, 17-M260HT, 17-S550HT, 17-HD750HT,
17-EHD400HT, 17-EHD450HT, 17-EHD500HT, 17-EHD550HT, 17-EHD610HT, 17-EHD760HT, 17-EHD780HT, 17-EHD810HT, 17-EHD920HT,
17-EHD1220HT, 17-EHD750UVB, are not UL approved
Material/Color LT and V0 are not UL approved
Rev. B


Similar Part No. - 17-EHD610PL

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
17-0018-20 ZILOG-17-0018-20 Datasheet
581Kb / 22P
   Real-time clock support
17-0018-47 ZILOG-17-0018-47 Datasheet
581Kb / 22P
   Real-time clock support
logo
Aries Electronics, Inc.
17-002-152FBP ARIES-17-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
17-002-171PTLHT ARIES-17-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
17-002-172PTLHT ARIES-17-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
More results

Similar Description - 17-EHD610PL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAS1101 ETC2-NAS1101 Datasheet
2Mb / 4P
   NATIONAL AEROSPACE STAN DARD
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
   Nylon Cable Ties
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
   Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
   Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
   Identification Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
   3M??Cable Ties
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
   Stainless Steel Cable Ties
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
   Cable Ties and Fixings
10/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com