Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC244ADB Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC244ADB
Description  SN74LVC244A Octal Buffer or Driver With 3-State Outputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC244ADB Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC244ADB Datasheet HTML 1Page - Texas Instruments SN74LVC244ADB Datasheet HTML 2Page - Texas Instruments SN74LVC244ADB Datasheet HTML 3Page - Texas Instruments SN74LVC244ADB Datasheet HTML 4Page - Texas Instruments SN74LVC244ADB Datasheet HTML 5Page - Texas Instruments SN74LVC244ADB Datasheet HTML 6Page - Texas Instruments SN74LVC244ADB Datasheet HTML 7Page - Texas Instruments SN74LVC244ADB Datasheet HTML 8Page - Texas Instruments SN74LVC244ADB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
SN74LVC244A
SCAS414AA – NOVEMBER 1992 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN74LVC244A
Submit Documentation Feedback
Copyright © 1992–2016, Texas Instruments Incorporated
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DB, DGV,
DW, N, NS,
PW, and
RGY
ZQN
RWP
1A1
2
A1
1
I
Input
1A2
4
B1
3
I
Input
1A3
6
C1
5
I
Input
1A4
8
D1
7
I
Input
1OE
1
A2
20
I
Output enable
1Y1
18
B4
17
O
Output
1Y2
16
C4
15
O
Output
1Y3
14
D4
13
O
Output
1Y4
12
E4
11
O
Output
2A1
11
E3
10
I
Input
2A2
13
D2
12
I
Input
2A3
15
C3
14
I
Input
2A4
17
B2
16
I
Input
2OE
19
A2
18
I
Output enable
2Y1
9
E2
8
O
Output
2Y2
7
D3
6
O
Output
2Y3
5
C2
4
O
Output
2Y4
3
B3
2
O
Output
GND
10
E1
9
Ground
VCC
20
A3
19
Power pin
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the Recommended Operating Conditions table.
(4)
For the DW package: above 70°C the value of Ptot derates linearly with 8 mW/K.
(5)
For the DB, DGV, N, NS, and PW packages: above 60°C the value of Ptot derates linearly with 5.5 mW/K.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state (2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state (2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
Ptot
Power dissipation
TA = –40°C to +125°C
(4) (5)
500
mW
Tstg
Storage temperature
–65
150
°C
TJ
Junction temperature
150
°C


Similar Part No. - SN74LVC244ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC244ADBLE TI-SN74LVC244ADBLE Datasheet
586Kb / 19P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244ADBLE TI-SN74LVC244ADBLE Datasheet
967Kb / 23P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244ADBR TI-SN74LVC244ADBR Datasheet
586Kb / 19P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244ADBR TI-SN74LVC244ADBR Datasheet
967Kb / 23P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244ADBRE4 TI-SN74LVC244ADBRE4 Datasheet
586Kb / 19P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC244ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com