Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC244ADB Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC244ADB
Description  SN74LVC244A Octal Buffer or Driver With 3-State Outputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC244ADB Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC244ADB Datasheet HTML 1Page - Texas Instruments SN74LVC244ADB Datasheet HTML 2Page - Texas Instruments SN74LVC244ADB Datasheet HTML 3Page - Texas Instruments SN74LVC244ADB Datasheet HTML 4Page - Texas Instruments SN74LVC244ADB Datasheet HTML 5Page - Texas Instruments SN74LVC244ADB Datasheet HTML 6Page - Texas Instruments SN74LVC244ADB Datasheet HTML 7Page - Texas Instruments SN74LVC244ADB Datasheet HTML 8Page - Texas Instruments SN74LVC244ADB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
SN74LVC244A
www.ti.com
SCAS414AA – NOVEMBER 1992 – REVISED JUNE 2016
Product Folder Links: SN74LVC244A
Submit Documentation Feedback
Copyright © 1992–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6.3 Recommended Operating Conditions
over recommended operating free-air temperature range (unless otherwise noted)
(1)
TA = 25°C
–40 TO +85°C
–40 TO +125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VCC Supply voltage
Operating
1.65
3.6
1.65
3.6
1.65
3.6
V
Data retention only
1.5
1.5
1.5
VIH
High-level
input voltage
VCC = 1.65 V to 1.95 V
0.65 × VCC
0.65 × VCC
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
1.7
1.7
VCC = 2.7 V to 3.6 V
2
2
2
VIL
Low-level
input voltage
VCC = 1.65 V to 1.95 V
0.35 × VCC
0.35 × VCC
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
0.7
0.7
VCC = 2.7 V to 3.6 V
0.8
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
IOH
High-level
output current
VCC = 1.65 V
–4
–4
–4
mA
VCC = 2.3 V
–8
–8
–8
VCC = 2.7 V
–12
–12
–12
VCC = 3 V
–24
–24
–24
IOL
Low-level
output current
VCC = 1.65 V
4
4
4
mA
VCC = 2.3 V
8
8
8
VCC = 2.7 V
12
12
12
VCC = 3 V
24
24
24
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
(3)
The package thermal impedance is calculated in accordance with JESD 51-5.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVC244A
UNIT
DB(2)
(SSOP)
DGV(2)
(TVSOP)
DW(2)
(SOIC)
ZQN(2)
(BGA)
N(2)
(PDIP)
NS(2)
(SO)
PW(2)
(TSSOP)
RGY(3)
(VQFN)
RWP(3)
(X1QFN)
20 PINS
RθJA
Junction-to-ambient
thermal resistance
108.1
128.7
90.9
198.7
61.6
90.1
114.7
50.3
79.9
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
70.2
43.7
55.3
106.8
46.5
56.4
48.4
58.4
63.2
°C/W
RθJB
Junction-to-board
thermal resistance
63.3
70.2
58.8
143.1
42.5
57.7
65.6
28.3
46.4
°C/W
ψJT
Junction-to-top
characterization parameter
30.6
3.1
29.1
24.1
34.6
28.4
6.8
4.9
2.6
°C/W
ψJB
Junction-to-board
characterization parameter
62.9
69.5
58.3
119.6
42.4
57.2
65.1
28.4
46.3
°C/W
RθJC(bot)
Junction-to-case(bottom)
thermal resistance
n/a
22.7
27.3
°C/W


Similar Part No. - SN74LVC244ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC244ADBLE TI-SN74LVC244ADBLE Datasheet
586Kb / 19P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244ADBLE TI-SN74LVC244ADBLE Datasheet
967Kb / 23P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244ADBR TI-SN74LVC244ADBR Datasheet
586Kb / 19P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244ADBR TI-SN74LVC244ADBR Datasheet
967Kb / 23P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244ADBRE4 TI-SN74LVC244ADBRE4 Datasheet
586Kb / 19P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC244ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com