Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC112APWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC112APWRG4
Description  SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC112APWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC112APWRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC112APWRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC112APWRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC112APWRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC112APWRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC112APWRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC112APWRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC112APWRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC112APWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1CLK
1K
1J
1PRE
1Q
1Q
2Q
GND
VCC
1CLR
2CLR
2CLK
2K
2J
2PRE
2Q
D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
SN74LVC112A
www.ti.com
SCAS289M – JANUARY 1993 – REVISED DECEMBER 2014
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
1CLK
I
1 Clock
2
1K
I
1K Input
3
1J
I
1J Input
4
1PRE
I
1 Preset
5
1Q
O
1Q Output. Pull low to set 1Q high and 1Q low upon power-up.
6
1Q
O
1Q Output
7
2Q
O
2Q Output
8
GND
Ground Pin
9
2Q
O
2Q Output
10
2PRE
I
2 Preset
11
2J
I
2J Input. Pull low to set 2Q high and 2Q low upon power-up.
12
2K
I
2K Input
13
2CLK
I
2 Clock
14
2CLR
I
2 Clear
15
1CLR
I
1 Clear. Pull low to set 2Q low and 2Q high upon power-up.
16
VCC
Power Pin. Pull low to set 1Q low and 1Q high upon power-up.
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC112A


Similar Part No. - SN74LVC112APWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC112APWR TI-SN74LVC112APWR Datasheet
292Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112APWRE4 TI-SN74LVC112APWRE4 Datasheet
292Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - SN74LVC112APWRG4

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G112A POTATO-PO74G112A Datasheet
584Kb / 6P
   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
PO74G112A POTATO-PO74G112A_14 Datasheet
1Mb / 6P
   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
74ACT11112 TI-74ACT11112 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74F112 TI-SN74F112 Datasheet
73Kb / 5P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112A TI-SN74LVC112A Datasheet
292Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
74ACT11112 TI1-74ACT11112_11 Datasheet
214Kb / 8P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT112 TI-CD54ACT112_08 Datasheet
546Kb / 13P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
   Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com