Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC125ADG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ADG4
Description  SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125ADG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC125ADG4 Datasheet HTML 1Page - Texas Instruments SN74LVC125ADG4 Datasheet HTML 2Page - Texas Instruments SN74LVC125ADG4 Datasheet HTML 3Page - Texas Instruments SN74LVC125ADG4 Datasheet HTML 4Page - Texas Instruments SN74LVC125ADG4 Datasheet HTML 5Page - Texas Instruments SN74LVC125ADG4 Datasheet HTML 6Page - Texas Instruments SN74LVC125ADG4 Datasheet HTML 7Page - Texas Instruments SN74LVC125ADG4 Datasheet HTML 8Page - Texas Instruments SN74LVC125ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SN74LVC125A
www.ti.com
SCAS290Q – JANUARY 1993 – REVISED JANUARY 2015
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Operating
1.65
3.6
1.65
3.6
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
1.5
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
0.65 × VCC
0.65 × VCC
High-level
VIH
VCC = 2.3 V to 2.7 V
1.7
1.7
1.7
V
input voltage
VCC = 2.7 V to 3.6 V
2
2
2
VCC = 1.65 V to 1.95 V
0.35 × VCC
0.35 × VCC
0.35 × VCC
Low-level
VIL
VCC = 2.3 V to 2.7 V
0.7
0.7
0.7
V
input voltage
VCC = 2.7 V to 3.6 V
0.8
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
VCC = 1.65 V
–4
–4
–4
VCC = 2.3 V
–8
–8
–8
High-level
IOH
mA
output current
VCC = 2.7 V
–12
–12
–12
VCC = 3 V
–24
–24
–24
VCC = 1.65 V
4
4
4
VCC = 2.3 V
8
8
8
Low-level
IOL
mA
output current
VCC = 2.7 V
12
12
12
VCC = 3 V
24
24
24
Δt/Δv
Input transition rise or fall rate
8
8
8
ns/V
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7.4 Thermal Information
D(2)
DB(2)
NS(2)
PW(2)
RGY(3)
THERMAL METRIC(1)
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
86
96
76
113
47
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
(3)
The package thermal impedance is calculated in accordance with JESD 51-5.
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC125A


Similar Part No. - SN74LVC125ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125ADG4 TI-SN74LVC125ADG4 Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125ADG4 TI1-SN74LVC125ADG4 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
FEBRUARY 2024
More results

Similar Description - SN74LVC125ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com