Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC112APWT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC112APWT
Description  SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC112APWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC112APWT Datasheet HTML 4Page - Texas Instruments SN74LVC112APWT Datasheet HTML 5Page - Texas Instruments SN74LVC112APWT Datasheet HTML 6Page - Texas Instruments SN74LVC112APWT Datasheet HTML 7Page - Texas Instruments SN74LVC112APWT Datasheet HTML 8Page - Texas Instruments SN74LVC112APWT Datasheet HTML 9Page - Texas Instruments SN74LVC112APWT Datasheet HTML 10Page - Texas Instruments SN74LVC112APWT Datasheet HTML 11Page - Texas Instruments SN74LVC112APWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
R
R
L
L
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
t
Input
w
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. t PZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
V
V
V
V
V
V
V
V
V
V
V
V
V
M
M
M
M
M
M
M
M
M
M
M
M
I
VM
VM
1.8 V ± 0.15 V
2.5 V ± 0.2 V
2.7 V
3.3 V ± 0.3 V
1 kΩ
500 Ω
500 Ω
500 Ω
VCC
RL
2 × VCC
2 × VCC
6 V
6 V
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
V
CC
VCC
2.7 V
2.7 V
V
V
I
CC/2
VCC/2
1.5 V
1.5 V
VM
t /t
r f
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
SN74LVC112A
SCAS289M – JANUARY 1993 – REVISED DECEMBER 2014
www.ti.com
8 Parameter Measurement Information
Figure 3. Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC112A


Similar Part No. - SN74LVC112APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC112APWT TI-SN74LVC112APWT Datasheet
292Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112APWTE4 TI-SN74LVC112APWTE4 Datasheet
292Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - SN74LVC112APWT

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G112A POTATO-PO74G112A Datasheet
584Kb / 6P
   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
PO74G112A POTATO-PO74G112A_14 Datasheet
1Mb / 6P
   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
74ACT11112 TI-74ACT11112 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74F112 TI-SN74F112 Datasheet
73Kb / 5P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112A TI-SN74LVC112A Datasheet
292Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
74ACT11112 TI1-74ACT11112_11 Datasheet
214Kb / 8P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT112 TI-CD54ACT112_08 Datasheet
546Kb / 13P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
   Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com