Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M11B416256A-30T Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M11B416256A-30T
Description  256 K x 16 DRAM EDO PAGE MODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M11B416256A-30T Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M11B416256A-30T Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M11B416256A-30T Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M11B416256A-30T Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M11B416256A-30T Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M11B416256A-30T Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M11B416256A-30T Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M11B416256A-30T Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M11B416256A-30T Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M11B416256A-30T Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
EliteMT
M11B416256A
Elite Memory Technology Inc
Publication Date : Feb. 2004
Revision : 1.9
3/15
ABSOLUTE MAXIMUM RATINGS
Voltage on Any pin Relative to Vss … ……-1V to +7V
Operating Temperature, TA (ambient) ….0 C
° to +70 C
°
Storage Temperature (plastic) ……….-55 C
° to +150 C
°
Power Dissipation …………………………………1.43W
Short Circuit Output Current ……………………50mA
Permanent device damage may occur if “Absolute
Maximum Ratings” are exceeded. This is a stress rating
only, and functional operation of the device above those
conditions indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
DC ELECTRICAL CHARACTERISTICS AND RECOMMENDED
OPERATING CONDITIONS (0 C
°≤ TA ≤ 70 C
°
; VCC = 5V
± 10% unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
MAX
UNITS NOTES
Supply Voltage
VCC
4.5
5.5
V
1
Supply Voltage
VSS
0
0
V
Input High Voltage
VIH
2.4
VCC +0.3
V
1
Input Low Voltage
VIL
-0.3
0.8
V
1
Input Leakage Current
0V
≤ VIN ≤ VIH (max)
ILI
-10
10
µ A
Output Leakage Current
0V
≤ VOUT ≤ VCC
Output(s) disable
ILO
-10
10
µ A
Output High Voltage
IOH = -5 mA
VOH
2.4
-
V
Output Low Voltage
IOL = 4.2 mA
VOL
-
0.4
V
Note : 1.All Voltages referenced to VSS
MAX
UNITS NOTES
PARAMETER
CONDITIONS
SYMBOL
-25
-28 -30 -35 -40
Operating Current
RAS
, CAS cycling , tRC =min
ICC1
210 190 170 150 135
mA
1,2
TTL interface , RAS , CAS = VIH ,
DOUT =High-Z
4
4
4
4
4
mA
Standby Current
CMOS interface, RAS , CAS
≥ VCC-0.2V
ICC2
2
2
2
2
2
mA
RAS
only refresh Current
tRC = min
ICC3
210 190 170 150 135
mA
2
EDO Page Mode Current
tPC = min
ICC4
210 190 170 150 135
mA
1,3
Standby Current
RAS
=VIH, CAS = VIL
ICC5
5
5
5
5
5
mA
1
CAS
Before RAS
Refresh
Current
tRC = min
ICC6
210 190 170 150 135
mA
Note : 1. ICC max is specified at the output open condition.
2. Address can be changed twice or less while RAS =VIL .
3. Address can be changed once or less while CAS =VIH .


Similar Part No. - M11B416256A-30T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M11B11664A ETC-M11B11664A Datasheet
339Kb / 15P
   64 K x 16 DRAM EDO PAGE MODE
M11B11664A-25J ETC-M11B11664A-25J Datasheet
339Kb / 15P
   64 K x 16 DRAM EDO PAGE MODE
M11B11664A-25T ETC-M11B11664A-25T Datasheet
339Kb / 15P
   64 K x 16 DRAM EDO PAGE MODE
M11B11664A-30J ETC-M11B11664A-30J Datasheet
339Kb / 15P
   64 K x 16 DRAM EDO PAGE MODE
M11B11664A-30T ETC-M11B11664A-30T Datasheet
339Kb / 15P
   64 K x 16 DRAM EDO PAGE MODE
More results

Similar Description - M11B416256A-30T

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M11L416256SA ESMT-M11L416256SA Datasheet
389Kb / 16P
   256 K x 16 DRAM EDO PAGE MODE
logo
List of Unclassifed Man...
M11B11664A ETC-M11B11664A Datasheet
339Kb / 15P
   64 K x 16 DRAM EDO PAGE MODE
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Siemens Semiconductor G...
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
logo
Integrated Silicon Solu...
IS41C16256C ISSI-IS41C16256C Datasheet
475Kb / 22P
   4Mb DRAM WITH EDO PAGE MODE
logo
Austin Semiconductor
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
   4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
logo
Sanyo Semicon Device
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com