Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9074MX Datasheet(PDF) 8 Page - Texas Instruments

Part # LM9074MX
Description  System Voltage Regulator with Keep-Alive ON/OFF Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9074MX Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM9074MX Datasheet HTML 4Page - Texas Instruments LM9074MX Datasheet HTML 5Page - Texas Instruments LM9074MX Datasheet HTML 6Page - Texas Instruments LM9074MX Datasheet HTML 7Page - Texas Instruments LM9074MX Datasheet HTML 8Page - Texas Instruments LM9074MX Datasheet HTML 9Page - Texas Instruments LM9074MX Datasheet HTML 10Page - Texas Instruments LM9074MX Datasheet HTML 11Page - Texas Instruments LM9074MX Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Information (Continued)
An output bypass capacitor of at least 0.1µF is required for
stability (47 µF is recommended). An input capacitor of 1 µF
or larger is recommended to improve line transient and noise
performance.
With the Keep-Alive input, a system microprocessor has the
ability to keep the regulator ON (with a logic “0” on Keep-
Alive) after the ON/OFF input has been commanded OFF. A
power-down sequence, when system variables are typically
stored in programmable memory, can be executed and take
as much time as necessary. At the end of the operation the
micro then pulls Keep-Alive high and the regulator and sys-
tem turn OFF and revert to the low quiescent current standby
mode.
For additional system reliability, consideration has been
made for the possibility of a short circuited load at the output
of the regulator. When the regulator is switched ON, conven-
tional current limiting and thermal shutdown protect the regu-
lator. When the regulator is switched OFF however, a
grounded V
CC supply to the micro (due to the shorted regu-
lator output) will force the Keep-Alive input to be low and
thus try to maintain the Keep-Alive mode of operation. With
a shorted load, the drain on the battery could be as high as
1.5A. A separate internal circuit monitors the output voltage
of the regulator. If V
OUT is less than 4V, as would be the case
with a shorted load, the Keep-Alive function is logically dis-
abled to ensure that the regulator turns OFF and reverts to
less than a 60 µA load on the battery.
Conventional load dump protection is built in to withstand up
to +60V and −50V transients. A 1 k
Ω resistor in series with
the ON/OFF and Keep-Alive inputs are recommended to
provide the same level of transient protection for these pins
if required. Protection against reverse polarity battery con-
nections is also built in. With a reversed battery the output of
the LM9074 will not go more negative than one diode drop
below ground. This will prevent damage to any of the 5V load
circuits.
For applications where the control logic is not required the
logic pins should be configured as shown in Figure 2.A
separate device, called the LM9071, can be used. The
LM9071 is available in a 5-lead TO-220 package and does
not provide control logic functions, but still retains all of the
protection features of the LM9074.
RESET FLAG
Excessive loading of the output to the point where the output
voltage drops by 300 mV to 500 mV will signal a reset flag to
the micro. This will warn of a V
CC supply that may produce
unpredictable operation of the system. On power-up and
recovery from a fault condition the delay capacitor is used to
10130523
FIGURE 1. Typical Application Circuit
10130524
FIGURE 2. Control Logic Not Used
www.national.com
7


Similar Part No. - LM9074MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9074M NSC-LM9074M Datasheet
193Kb / 9P
   System Voltage Regulator with Keep-Alive ON/OFF
logo
Texas Instruments
LM9074MEP TI1-LM9074MEP Datasheet
318Kb / 14P
[Old version datasheet]   Enhanced Plastic System Voltage Regulator with Keep-Alive ON/OFF Control
More results

Similar Description - LM9074MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9074 NSC-LM9074 Datasheet
193Kb / 9P
   System Voltage Regulator with Keep-Alive ON/OFF
LM9070 NSC-LM9070 Datasheet
292Kb / 13P
   Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
logo
Texas Instruments
LM9074EP TI1-LM9074EP Datasheet
318Kb / 14P
[Old version datasheet]   Enhanced Plastic System Voltage Regulator with Keep-Alive ON/OFF Control
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Torex Semiconductor
XC6901 TOREX-XC6901 Datasheet
510Kb / 28P
   200mA Negative Voltage Regulator with ON/OFF Control
logo
New Japan Radio
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com