Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9810 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM9810
Description  10/12-Bit Image Sensor Processor Analog Front End
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9810 Datasheet(HTML) 5 Page - Texas Instruments

  LM9810 Datasheet HTML 1Page - Texas Instruments LM9810 Datasheet HTML 2Page - Texas Instruments LM9810 Datasheet HTML 3Page - Texas Instruments LM9810 Datasheet HTML 4Page - Texas Instruments LM9810 Datasheet HTML 5Page - Texas Instruments LM9810 Datasheet HTML 6Page - Texas Instruments LM9810 Datasheet HTML 7Page - Texas Instruments LM9810 Datasheet HTML 8Page - Texas Instruments LM9810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM9810 Electrical Characteristics (Continued)
The following specifications apply for AGND = DGND = 0V, V
A =VD = +5.0VDC,fMCLK = 24 MHz, RS =25Ω. Boldface limits
apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. All LSB limits are in units of the LM9810’s 10-bit ADC.
(Notes 7, 8, 12)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
ADC CHARACTERISTICS
DNL
Differential Non-Linearity
±0.25
±1.0
LSB (max)
FULL CHANNEL LINEARITY (Note 14)
INL
Integral Non-Linearity Error (Note 11)
±0.9
LSB
DNL
Differential Non-Linearity
±0.40
LSB
STATIC OFFSET DAC CHARACTERISTICS
Monotonicity
6
bits (min)
Offset DAC LSB Size
PGA Gain = 1
5
3.4
LSB (min)
6.4
LSB(max)
Offset DAC Adjustment Range
PGA Gain = 1
±150
±140
LSB (min)
SYSTEM CHARACTERISTICS (SEE SECTION 1.7.1, INTERNAL OFFSETS)
C
Analog Channel Gain Constant
Includes Voltage Reference
502
468
LSB (min)
(ADC Codes/V)
Variation, Gain Setting = 1
532
LSB (max)
V
OS1
Pre-Boost Analog Channel Offset Error,
4.4
-7.2
LSB (min)
CCD Mode
+15.7
LSB (max)
V
OS1
Pre-Boost Analog Channel Offset Error,
4.5
-6.5
LSB (min)
CIS Mode
+15.2
LSB (max)
V
OS2
Pre-PGA Analog Channel Offset Error
-10
-28
LSB (min)
+5.3
LSB (max)
V
OS3
Post-PGA Analog Channel Offset Error
-11
-30.6
LSB (min)
+7.3
LSB (max)
LM9820 Electrical Characteristics
The following specifications apply for AGND = DGND = 0V, V
A =VD = +5.0VDC,fMCLK = 24 MHz, RS =25Ω. Boldface limits
apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. All LSB limits are in units of the LM9810’s 12-bit ADC.
(Notes 7, 8, 12)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
ADC CHARACTERISTICS
Resolution with No Missing Codes
12
bits (min)
INL
Integral Non-Linearity Error (Note 11)
±1.1
±4.0
LSB (max)
DNL
Differential Non-Linearity
±0.6
+1.75
LSB (max)
-1.0
FULL CHANNEL LINEARITY (Note 14)
INL
Integral Non-Linearity Error (Note 11)
±3.4
LSB
DNL
Differential Non-Linearity
±0.65
LSB
STATIC OFFSET DAC CHARACTERISTICS
Monotonicity
6
bits (min)
Offset DAC LSB Size
PGA Gain = 1
20
14
LSB (min)
26
LSB(max)
Offset DAC Adjustment Range
PGA Gain = 1
±590
±575
LSB (min)
SYSTEM CHARACTERISTICS (SEE SECTION 1.7.1, INTERNAL OFFSETS)
C
Analog Channel Gain Constant
Includes Voltage Reference
2008
1873
LSB (min)
(ADC Codes/V)
Variation, Gain Setting = 1
2129
LSB (max)
V
OS1
Pre-Boost Analog Channel Offset Error,
17.6
-32.1
LSB (min)
CCD Mode
+68.9
LSB (max)
www.national.com
4


Similar Part No. - LM9810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9810 NSC-LM9810 Datasheet
148Kb / 21P
   LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
LM9810CCWM NSC-LM9810CCWM Datasheet
148Kb / 21P
   LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
LM9810CCWMX NSC-LM9810CCWMX Datasheet
148Kb / 21P
   LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
More results

Similar Description - LM9810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9810 NSC-LM9810 Datasheet
148Kb / 21P
   LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Wolfson Microelectronic...
WM8146 WOLFSON-WM8146 Datasheet
195Kb / 17P
   12-bit(84-bit) Linear Sensor Image Processor
logo
Maxim Integrated Produc...
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com