Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96063 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM96063
Description  Remote Diode Digital Temperature Sensor with Integrated Fan Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96063 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM96063_14 Datasheet HTML 6Page - Texas Instruments LM96063_14 Datasheet HTML 7Page - Texas Instruments LM96063_14 Datasheet HTML 8Page - Texas Instruments LM96063_14 Datasheet HTML 9Page - Texas Instruments LM96063_14 Datasheet HTML 10Page - Texas Instruments LM96063_14 Datasheet HTML 11Page - Texas Instruments LM96063_14 Datasheet HTML 12Page - Texas Instruments LM96063_14 Datasheet HTML 13Page - Texas Instruments LM96063_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Remote High Limit
RDTS Measurement
LM96063 ALERT Pin
Status Register: RTDS High
Time
LM96063
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
www.ti.com
The remote temperature (RT) reading is associated with a T_CRIT Setpoint Register, and both local and remote
temperature (LT and RT) readings are associated with a HIGH setpoint register (LHS and RHS). The RT is also
associated with a LOW setpoint register (RLS). At the end of every temperature reading a digital comparison
determines whether that reading is above its HIGH or T_CRIT setpoint or below its LOW setpoint. If so, the
corresponding bit in the ALERT Status Register is set. If the ALERT mask bit is low, any bit set in the ALERT
Status Register, with the exception of Busy or RDFA, will cause the ALERT output to be pulled low. Any
temperature conversion that is out of the limits defined in the temperature setpoint registers will trigger an
ALERT. Additionally, the ALERT Mask Bit must be cleared to trigger an ALERT in all modes.
The format of the Remote High limit and T_CRIT limit comparison is programmable. The USF bit found in the
Enhanced Configuration register controls whether comparisons use a signed or unsigned format. The
temperature format used for Remote High and T_CRIT limit comparisons is +255.875 °C to -256 °C.
The three different ALERT modes and TCRIT function will be discussed in the following sections.
ALERT Output as a Temperature Comparator
When the LM96063 is used in a system in which does not require temperature-based interrupts, the ALERT
output could be used as a temperature comparator. In this mode, once the condition that triggered the ALERT to
go low is no longer present, the ALERT is negated (Figure 6). For example, if the ALERT output was activated
by the comparison of LT > LHS, when this condition is no longer true, the ALERT will return HIGH. This mode
allows operation without software intervention, once all registers are configured during set-up. In order for the
ALERT to be used as a temperature comparator, the Comparator Mode bit in the Remote Diode Temperature
Filter and Comparator Mode Register must be asserted. This is not the power-on default state.
Figure 6. ALERT Output as Temperature Comparator Response Diagram
ALERT Output as an Interrupt
The LM96063's ALERT output can be implemented as a simple interrupt signal when it is used to trigger an
interrupt service routine. In such systems it is desirable for the interrupt flag to repeatedly trigger during or before
the interrupt service routine has been completed. Under this method of operation, during the read of the ALERT
Status Register the LM96063 will set the ALERT Mask bit in the Configuration Register if any bit in the ALERT
Status Register is set, with the exception of Busy and RDFA. This prevents further ALERT triggering until the
master has reset the ALERT Mask bit, at the end of the interrupt service routine. The ALERT Status Register bits
are cleared only upon a read command from the master (see Figure 7 ) and will be re-asserted at the end of the
next conversion if the triggering condition(s) persist(s). In order for the ALERT to be used as a dedicated
interrupt signal, the Comparator Mode bit in the Remote Diode Temperature Filter and Comparator Mode
Register must be set low. This is the power-on default state. The following sequence describes the response of a
system that uses the ALERT output pin as an interrupt flag:
1. Master senses ALERT low.
2. Master reads the LM96063 ALERT Status Register to determine what caused the ALERT.
3. LM96063 clears ALERT Status Register, resets the ALERT HIGH and sets the ALERT Mask bit in the
Configuration Register.
4. Master attends to conditions that caused the ALERT to be triggered. The fan is started, setpoint limits are
adjusted, etc.
5. Master resets the ALERT Mask bit in the Configuration Register.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM96063


Similar Part No. - LM96063_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063C TI1-LM96063C Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results

Similar Description - LM96063_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
National Semiconductor ...
LM63 NSC-LM63 Datasheet
339Kb / 28P
   짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM63 TI-LM63 Datasheet
1Mb / 41P
[Old version datasheet]   The LM63 is a remote diode temperature sensor with integrated fan control.
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
[Old version datasheet]   Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM64 NSC-LM64 Datasheet
376Kb / 29P
   짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com