Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96063 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM96063
Description  Remote Diode Digital Temperature Sensor with Integrated Fan Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96063 Datasheet(HTML) 3 Page - Texas Instruments

  LM96063 Datasheet HTML 1Page - Texas Instruments LM96063 Datasheet HTML 2Page - Texas Instruments LM96063 Datasheet HTML 3Page - Texas Instruments LM96063 Datasheet HTML 4Page - Texas Instruments LM96063 Datasheet HTML 5Page - Texas Instruments LM96063 Datasheet HTML 6Page - Texas Instruments LM96063 Datasheet HTML 7Page - Texas Instruments LM96063 Datasheet HTML 8Page - Texas Instruments LM96063 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
LM96063
2
3
4
5
6
8
9
10
100 pF
+3.3V
SMBCLK
SMBDAT
PWM Output
to Fan
To SMBus
interface
control
circuitry
GND
D+
D-
PWM
Remote diode-
connected transistor
inside of a CPU, GPU,
ASIC or descrete
MMBT3904
OPTIONAL
Capacitor is close
to pins 3 and 4
+3.3V
1.2k
Tach. input
from Fan
Fan voltage
+12 or +5 VDC
10k
13k
1k
Tach In
0.1
100 pF
10 PF
These two capacitors
are close to Pin 2
4-Pin DC Brushless
Fan Module with
Tachometer Output
and PWM Input
Fan V+
VDD
TACH
+3.3V
1.2k
1.2k
Traditional
Diode
Bias and
Control
Internal Diode
LM96063-LLP10
D+
D-
2 - Wire
Serial
Interface
SMBDAT
SMBCLK
Temp Reading,
Temp Limit,
Hysteresis, and
Temp Sensor
Filter Registers
Status and Status Mask Registers and
Logic
Comparators
PWM Fan Control
Registers
PWM Fan
Control
PWM
'6 ADC
IIR
Filter
Analog
Filter
ALERT
TACH
Tachometer
Detection
TCRIT
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
Simplified Block Diagram
Typical Application
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM96063


Similar Part No. - LM96063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM96063C TI1-LM96063C Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results

Similar Description - LM96063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
National Semiconductor ...
LM63 NSC-LM63 Datasheet
339Kb / 28P
   짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM63 TI-LM63 Datasheet
1Mb / 41P
[Old version datasheet]   The LM63 is a remote diode temperature sensor with integrated fan control.
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
[Old version datasheet]   Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM64 NSC-LM64 Datasheet
376Kb / 29P
   짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com