Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96530 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM96530
Description  Ultrasound Transmit/Receive Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96530 Datasheet(HTML) 1 Page - Texas Instruments

  LM96530 Datasheet HTML 1Page - Texas Instruments LM96530 Datasheet HTML 2Page - Texas Instruments LM96530 Datasheet HTML 3Page - Texas Instruments LM96530 Datasheet HTML 4Page - Texas Instruments LM96530 Datasheet HTML 5Page - Texas Instruments LM96530 Datasheet HTML 6Page - Texas Instruments LM96530 Datasheet HTML 7Page - Texas Instruments LM96530 Datasheet HTML 8Page - Texas Instruments LM96530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM96530
www.ti.com
SNAS499F – AUGUST 2010 – REVISED MAY 2013
LM96530 Ultrasound Transmit/Receive Switch
Check for Samples: LM96530
1
FEATURES
DESCRIPTION
The LM96530 is an eight-channel monolithic high-
2
8-Channel High-Voltage Receive Side Switches
voltage, high-speed T/R (Transmit/Receive) switch for
without Charge-Injection
multi-channel medical ultrasound applications. It is
Can be Used for Receive Protection and/or
well-suited for use with Texas Instrument’s LM965XX
Receive Multiplexing with SPI™ Compatible
series chipset which offers a complete medical
Bus Control
ultrasound
solution
targeted
towards
low-power,
portable systems.
Channel Bandwidth Supports 1MHz to 20MHz
Transducers
The
LM96530
contains
eight
high-voltage
T/R
Input Accepts Pulses and Continuous-Wave
switches with integrated clamping diodes. This chip
protects the inputs of the receive channel's LNA (Low
Signals within ±60V
Noise Amplifier) from the high-voltage pulses of the
Integrated Output Clamping Diodes Limit
transmit channel. Advanced features include a diode
Output to ±0.7V
bridge
with
internal
current
sources
that
are
Low Harmonic Distortion HD2 at -75dBc at
programmable via an external resistor. Low-power
5MHz
operation
is
enabled
via
per-channel-selectable
switching.
Continuous-Wave Operation
Soft-Switcher Based on a Diode Bridge
Texas
Instruments
also
offers
a
development
package for sale which includes a driver hardware
Architecture Yielding Better Noise
and software package with a graphical user interface
Performance and Faster Turn-On and -Off
for configuration and monitoring.
Times than Competing T-Gate Switch
Architectures
2.5V to 3.3V CMOS SPI™ Compatible Logic
Interface with Daisy Chain Capability
Bias Current Source (IS) can be Scaled
between 0 and 8mA via an External Resistor
APPLICATIONS
Ultrasound Imaging
Table 1. Key Specifications
VALUE
UNIT
Input voltage
±60
V
Output voltage clamp ( IS= 1mA)
±0.7
V
On-resistance
18
Off-isolation at 5MHz
-58
dB
Noise spectral density at 5MHz
0.5
nV/
√Hz
Harmonic distortion
HD2
-75
dB
HD3
-75
dB
Channel crosstalk at 5MHz
-73
dB
Operating Temp.
0 to +70
°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM96530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI-LM96530 Datasheet
900Kb / 17P
[Old version datasheet]   8-Channel High-Voltage Receive Side Switches Without Charge-Injection, Can be Used for Receive Protection and/or Receive Multiplexing with SPI Compatible Bus Control
LM96530 TI1-LM96530 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530SQ TI1-LM96530SQ Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530SQE TI1-LM96530SQE Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
More results

Similar Description - LM96530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com