Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96550 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM96550
Description  Ultrasound Transmit Pulser
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96550 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM96550_14 Datasheet HTML 5Page - Texas Instruments LM96550_14 Datasheet HTML 6Page - Texas Instruments LM96550_14 Datasheet HTML 7Page - Texas Instruments LM96550_14 Datasheet HTML 8Page - Texas Instruments LM96550_14 Datasheet HTML 9Page - Texas Instruments LM96550_14 Datasheet HTML 10Page - Texas Instruments LM96550_14 Datasheet HTML 11Page - Texas Instruments LM96550_14 Datasheet HTML 12Page - Texas Instruments LM96550_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
3
4
5
6
7
8
9
10
0
3
6
9
12
15
VPP=-VNN (V)
CL=150pF
CL=330pF
CL=470pF
114
134
0
20
40
60
80
100
120
OTP Trip Point (°C)
LM96550
www.ti.com
SNAS504F – AUGUST 2010 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise stated, the following conditions apply.
VLL = +3.3V, VDD =
−VDN = 10V, VSUB = −55V, VPP = −VNN = 50V, VPF = VPP-12V, VNF = VNN+8V, CL = 330pF, RL =
100
Ω, TA = 25°C, Fin=5MHz, Mode=LO, EN=HI
Return-to-Zero Rise Time (RL = 2KΩ)
Return-to-Zero Fall Time (RL = 2KΩ)
Figure 6.
Figure 7.
Harmonic Distortion (8 pulses)
Differential Input vs. Pulser Output Phase Noise(1)
Figure 8.
Figure 9.
Constant 5W Total Power (RL = 300Ω)
100% CW mode, Mode=HI, VSUB=-10V, VPF=-VNF=VPP-10V
Over Temperature Protection
Figure 10.
Figure 11.
(1)
10.24 MHz Differential Input signal from LMK04800 Evaluation board with 122.88 MHz Crystek CVHD-950 VCXO clock source. The
LMK04800 clock output channel was configured with a divide value of 12 and LVCMOS outputs with opposite polarity.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM96550


Similar Part No. - LM96550_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96550SQ TI1-LM96550SQ Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
LM96550SQE TI1-LM96550SQE Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
LM96550SQX TI1-LM96550SQX Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
More results

Similar Description - LM96550_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
   Ultrasound HV pulser demonstration board
logo
Texas Instruments
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
logo
Texas Instruments
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
[Old version datasheet]   LM96570 Ultrasound Configurable Transmit Beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com