Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM98640W-MPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM98640W-MPR
Description  Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98640W-MPR Datasheet(HTML) 5 Page - Texas Instruments

  LM98640W-MPR Datasheet HTML 1Page - Texas Instruments LM98640W-MPR Datasheet HTML 2Page - Texas Instruments LM98640W-MPR Datasheet HTML 3Page - Texas Instruments LM98640W-MPR Datasheet HTML 4Page - Texas Instruments LM98640W-MPR Datasheet HTML 5Page - Texas Instruments LM98640W-MPR Datasheet HTML 6Page - Texas Instruments LM98640W-MPR Datasheet HTML 7Page - Texas Instruments LM98640W-MPR Datasheet HTML 8Page - Texas Instruments LM98640W-MPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
LM98640QML-SP
www.ti.com
SNAS461D – MAY 2010 – REVISED SEPTEMBER 2015
Pin Functions (continued)
Pin
Name
I/O(1)
Typ
Res
Description
46
TXOUT0-
O
D
LVDS Data Out0-
47
TXCLK+
O
D
LVDS Clock+
48
TXCLK-
O
D
LVDS Clock-
49
VSS18
P
Digital supply return.
50
VDD18
P
Digital power supply. Decouple with minimum 0.1µF capacitor to VSS18 plane.
51
ATB0
O
A
Analog Test Bus. If not used, can be connected to VSS18 through a 10k
Ω resistor.
52
ATB1
O
A
Analog Test Bus. If not used, can be connected to VSS18 through a 10k
Ω resistor.
53
VDD18
P
Digital power supply. Decouple with minimum 0.1µF capacitor to VSS18 plane.
54
VDD18
P
Digital power supply. Decouple with minimum 0.1µF capacitor to VSS18 plane.
55
VSS18
P
Digital supply return.
56
VSS18
P
Digital supply return.
57
INCLK-
I
D
Clock Input. Inverting input for LVDS clocks.
58
INCLK+
I
D
Clock Input. Non-Inverting input for LVDS clocks.
59
VSS33
P
Analog supply return.
60
VDD33
P
Analog power supply. Decouple with minimum 0.1µF capacitor to VSS33 plane.
61
VDD33
P
Analog power supply. Decouple with minimum 0.1µF capacitor to VSS33 plane.
62
VSS33
P
Analog supply return.
63
IBIAS0
I
A
Connect with external 10k
Ω 1% resistor to IBIAS1 pin.
64
IBIAS1
I
A
Connect with external 10k
Ω 1% resistor to IBIAS0 pin.
65
VREFBG
O
A
Band gap reference output. Bypass with a 0.1µF capacitor to VSS33. Can be overdriven
with external voltage source.
66
VSS33
P
Analog supply return.
67
VREFT1
O
A
Top of ADC reference. Bypass with a 0.1µF capacitor to VSS33.
68
VREFB1
O
A
Bottom of ADC reference. Bypass with a 0.1µF capacitor to VSS33.
Exp Pad
P
Exposed pad must be soldered to ground plane to ensure rated performance.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM98640QML-SP


Similar Part No. - LM98640W-MPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640W-MPR TI1-LM98640W-MPR Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640W-MPR TI1-LM98640W-MPR Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
More results

Similar Description - LM98640W-MPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
logo
Analog Devices
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com