Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC555CM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555CM
Description  CMOS Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC555CM Datasheet(HTML) 3 Page - Texas Instruments

  LMC555CM Datasheet HTML 1Page - Texas Instruments LMC555CM Datasheet HTML 2Page - Texas Instruments LMC555CM Datasheet HTML 3Page - Texas Instruments LMC555CM Datasheet HTML 4Page - Texas Instruments LMC555CM Datasheet HTML 5Page - Texas Instruments LMC555CM Datasheet HTML 6Page - Texas Instruments LMC555CM Datasheet HTML 7Page - Texas Instruments LMC555CM Datasheet HTML 8Page - Texas Instruments LMC555CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LMC555
www.ti.com
SNAS558M – FEBRUARY 2000 – REVISED JULY 2016
Product Folder Links: LMC555
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DGK, and P Packages
8-Pin SOIC, VSSOP, and PDIP
(Top View)
YPB Package
8-Pin DSBGA
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
SOIC, VSSOP, and
PDIP NO.
DSBGA NO.
NAME
1
A3
GND
O
Ground reference voltage
2
B3
Trigger
I
Responsible for transition of the flip-flop from set to reset. The output of the
timer depends on the amplitude of the external trigger pulse applied to this pin
3
C3
Output
O
Output driven waveform
4
C2
Reset
I
Negative pulse applied to this pin to disable or reset the timer. When not used
for reset purposes, it should be connected to VCC to avoid false triggering
5
C1
Control
Voltage
I
Control voltage controls the threshold and trigger levels. It determines the pulse
width of the output waveform. An external voltage applied to this pin can also
be used to modulate the output waveform
6
B1
Threshold
I
Compares the voltage applied to the terminal with a reference voltage of 2/3
Vcc. The amplitude of voltage applied to this terminal is responsible for the set
state of the flip-flop.
7
A1
Discharge
I
Open collector output which discharges a capacitor between intervals (in phase
with output). It toggles the output from high to low when voltage reaches 2/3 of
the supply voltage
8
A2
V+
I
Supply voltage with respect to GND


Similar Part No. - LMC555CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555CM NSC-LMC555CM Datasheet
318Kb / 12P
   CMOS Timer
LMC555CM NSC-LMC555CM Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555CM TI-LMC555CM Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
LMC555CM/NOPB TI-LMC555CM/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
National Semiconductor ...
LMC555CMM NSC-LMC555CMM Datasheet
318Kb / 12P
   CMOS Timer
More results

Similar Description - LMC555CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
   CMOS Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
   CMOS Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
   CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com