Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC555CM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555CM
Description  CMOS Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC555CM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC555CM Datasheet HTML 3Page - Texas Instruments LMC555CM Datasheet HTML 4Page - Texas Instruments LMC555CM Datasheet HTML 5Page - Texas Instruments LMC555CM Datasheet HTML 6Page - Texas Instruments LMC555CM Datasheet HTML 7Page - Texas Instruments LMC555CM Datasheet HTML 8Page - Texas Instruments LMC555CM Datasheet HTML 9Page - Texas Instruments LMC555CM Datasheet HTML 10Page - Texas Instruments LMC555CM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LMC555
www.ti.com
SNAS558M – FEBRUARY 2000 – REVISED JULY 2016
Product Folder Links: LMC555
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LMC555 is a CMOS version of the industry standard 555 series general-purpose timers. In addition to the
standard package (SOIC, VSSSOP, and PDIP) the LMC555 is also available in a chip-sized package (8-bump
DSBGA) using TI’s DSBGA package technology. The LMC555 offers the same capability of generating accurate
time delays and frequencies as the LM555 but with much lower power dissipation and supply current spikes.
When operated as a one-shot, the time delay is precisely controlled by a single external resistor and capacitor. In
the astable mode, the oscillation frequency and duty cycle are accurately set by two external resistors and one
capacitor. The use of TI’s LMCMOS process extends both the frequency range and the low supply capability.
The LMC555 is available in an 8-pin PDIP, SOIC, VSSOP, and 8-bump DSBGA package.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Low-Power Dissipation
The LMC555 offers the same capability of generating accurate time delays and frequencies as the LM555 but
with much lower power dissipation. A power dissipation of less than 0.2 mW can be achieved with a 1.5-V
operating supply voltage and less than 1 mW with a 5-V operating supply voltage. The use of TI’s LMCMOS
process allows this low supply current and voltage capability. Reduced supply current spikes during output
transitions and extremely low reset, trigger and threshold currents also provide low power dissipation advantages
with the LMC555.


Similar Part No. - LMC555CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555CM NSC-LMC555CM Datasheet
318Kb / 12P
   CMOS Timer
LMC555CM NSC-LMC555CM Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555CM TI-LMC555CM Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
LMC555CM/NOPB TI-LMC555CM/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
National Semiconductor ...
LMC555CMM NSC-LMC555CMM Datasheet
318Kb / 12P
   CMOS Timer
More results

Similar Description - LMC555CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
   CMOS Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
   CMOS Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
   CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com