Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC555CMM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555CMM
Description  CMOS Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC555CMM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC555CMM Datasheet HTML 5Page - Texas Instruments LMC555CMM Datasheet HTML 6Page - Texas Instruments LMC555CMM Datasheet HTML 7Page - Texas Instruments LMC555CMM Datasheet HTML 8Page - Texas Instruments LMC555CMM Datasheet HTML 9Page - Texas Instruments LMC555CMM Datasheet HTML 10Page - Texas Instruments LMC555CMM Datasheet HTML 11Page - Texas Instruments LMC555CMM Datasheet HTML 12Page - Texas Instruments LMC555CMM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LMC555
www.ti.com
SNAS558M – FEBRUARY 2000 – REVISED JULY 2016
Product Folder Links: LMC555
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
VCC = 5 V
Top Trace: Input 5 V/Div.
TIME = 0.1 ms/Div.
Middle Trace: Output 5 V/Div.
RA = 9.1 kΩ
Bottom Trace: Capacitor Voltage 2 V/Div.
C = 0.01 µF
Figure 4. Monostable Waveforms
Reset overrides Trigger, which can override threshold. Therefore the trigger pulse must be shorter than the
desired tH. The minimum pulse width for the Trigger is 20 ns, and it is 400 ns for the Reset. During the timing
cycle when the output is high, the further application of a trigger pulse will not effect the circuit so long as the
trigger input is returned high at least 10 µs before the end of the timing interval. However the circuit can be reset
during this time by the application of a negative pulse to the reset terminal. The output will then remain in the low
state until a trigger pulse is again applied.
When the reset function is not use, it is recommended that it be connected to V+ to avoid any possibility of false
triggering. Figure 5 is a nomograph for easy determination of RC values for various time delays.
NOTE
In monstable operation, the trigger should be driven high before the end of timing cycle.
Figure 5. Time Delay


Similar Part No. - LMC555CMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555CMM NSC-LMC555CMM Datasheet
318Kb / 12P
   CMOS Timer
LMC555CMM NSC-LMC555CMM Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555CMM TI-LMC555CMM Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
LMC555CMM/NOPB TI-LMC555CMM/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
National Semiconductor ...
LMC555CMMX NSC-LMC555CMMX Datasheet
318Kb / 12P
   CMOS Timer
More results

Similar Description - LMC555CMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
   CMOS Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
   CMOS Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
   CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com