Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-87563-BLK Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # MGA-87563-BLK
Description  0.5 - 4 GHz 3 V Low Current GaAs MMIC LNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-87563-BLK Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  MGA-87563-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) MGA-87563-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA-87563-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA-87563-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA-87563-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA-87563-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-87563-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-87563-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Tape Dimensions and Product Orientation
For Outline 63
Device Orientation
P
P0
P2
F
W
C
D1
D
E
A0
8
° MAX.
t1 (CARRIER TAPE THICKNESS)
Tt (COVER TAPE THICKNESS)
5
° MAX.
B0
K0
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
2.24
± 0.10
2.34
± 0.10
1.22
± 0.10
4.00
± 0.10
1.00 + 0.25
0.088
± 0.004
0.092
± 0.004
0.048
± 0.004
0.157
± 0.004
0.039 + 0.010
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.55
± 0.05
4.00
± 0.10
1.75
± 0.10
0.061
± 0.002
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00
± 0.30
0.255
± 0.013
0.315
± 0.012
0.010
± 0.0005
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
WIDTH
TAPE THICKNESS
C
Tt
5.4
± 0.10
0.062
± 0.001
0.205
± 0.004
0.0025
± 0.00004
COVER TAPE
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
END VIEW
8 mm
4 mm
TOP VIEW
87
87
87
87
www.semiconductor.agilent.com
Data subject to change.
Copyright © 1999 Agilent Technologies
Obsoletes 5964-9984E
5965-9688E (11/99)


Similar Part No. - MGA-87563-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-87563-BLK HP-MGA-87563-BLK Datasheet
96Kb / 8P
   0.5 - 4 GHz 3 V Low Current GaAs MMIC LNA
logo
AVAGO TECHNOLOGIES LIMI...
MGA-87563-BLKG AVAGO-MGA-87563-BLKG Datasheet
132Kb / 9P
   Lead-free Option Available
More results

Similar Description - MGA-87563-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-87563 HP-MGA-87563 Datasheet
96Kb / 8P
   0.5 - 4 GHz 3 V Low Current GaAs MMIC LNA
logo
Broadcom Corporation.
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
   0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MGA-86563 HP-MGA-86563 Datasheet
92Kb / 8P
   0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-86563 AVAGO-MGA-86563 Datasheet
177Kb / 8P
   0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
   GaAs MMIC LNA
logo
Microchip Technology
MMA041PP5 MICROCHIP-MMA041PP5 Datasheet
1Mb / 19P
   DC - 25 GHz GaAs MMIC Distributed LNA
03/2022 Revision B
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8_04 Datasheet
239Kb / 6P
   GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6532 AVAGO-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver
logo
Hexawave, Inc
HWS509_V4 HW-HWS509_V4 Datasheet
56Kb / 3P
   GaAs 0.5-3 GHz SPDT Switch
logo
Analog Devices
HMC973ALP3E AD-HMC973ALP3E Datasheet
1Mb / 8P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.5 - 5.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com