Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6034IMX Datasheet(PDF) 4 Page - Texas Instruments

Part # LMC6034IMX
Description  CMOS Quad Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6034IMX Datasheet(HTML) 4 Page - Texas Instruments

  LMC6034IMX Datasheet HTML 1Page - Texas Instruments LMC6034IMX Datasheet HTML 2Page - Texas Instruments LMC6034IMX Datasheet HTML 3Page - Texas Instruments LMC6034IMX Datasheet HTML 4Page - Texas Instruments LMC6034IMX Datasheet HTML 5Page - Texas Instruments LMC6034IMX Datasheet HTML 6Page - Texas Instruments LMC6034IMX Datasheet HTML 7Page - Texas Instruments LMC6034IMX Datasheet HTML 8Page - Texas Instruments LMC6034IMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LMC6034
SNOS608C – MAY 1998 – REVISED MARCH 2013
www.ti.com
DC ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
= GND = 0V, V
CM = 1.5V, VOUT = 2.5V, and RL > 1M unless otherwise specified.
Symbol
Parameter
Conditions
Typical(1)
LMC6034I
Units
Limit(2)
IO
Output Current
V+ = 5V
22
13
mA
Sourcing, VO = 0V
9
min
Sinking, VO = 5V
21
13
mA
9
min
V+ = 15V
40
23
mA
Sourcing, VO = 0V
15
min
Sinking, VO = 13V
(4)
39
23
mA
15
min
IS
Supply Current
All Four Amplifiers
1.5
2.7
mA
VO = 1.5V
3.0
max
(4)
Do not connect output to V+, when V+ is greater than 13V or reliability may be adversely affected.
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits guaranteed for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
= GND = 0V, V
CM = 1.5V, VOUT = 2.5V, and RL > 1M unless otherwise specified.
Symbol
Parameter
Conditions
Typical(1)
LMC6034I
Units
Limit(2)
SR
Slew Rate
See(3)
1.1
0.8
V/
μs
0.4
min
GBW
Gain-Bandwidth Product
1.4
MHz
φM
Phase Margin
50
Deg
GM
Gain Margin
17
dB
Amp-to-Amp Isolation
See(4)
130
dB
en
Input-Referred Voltage Noise
F = 1 kHz
22
nV/
√Hz
in
Input-Referred Current Noise
F = 1 kHz
0.0002
pA/
√Hz
THD
Total Harmonic Distortion
F = 10 kHz, AV = −10
RL = 2 kΩ, VO = 8 VPP
0.01
%
±5V Supply
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are guaranteed at room temperature (standard type face) or at operating temperature extremes (bold type face).
(3)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
(4)
Input referred. V+ = 15V and RL = 10 kΩ connected to V
+/2. Each amp excited in turn with 1 kHz to produce V
O = 13 VPP.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMC6034


Similar Part No. - LMC6034IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
More results

Similar Description - LMC6034IMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
LMC660CMX TI1-LMC660CMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com