Electronic Components Datasheet Search |
|
MTV412M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
MTV412M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 26 page MYSON-CENTURY TECHNOLOGY MTV412M (Rev 0.9) Revision 0.9 - 4 - April 2002 PIN DESCRIPTION PIN NO. Name 42 44 Type Description VDD3 4 4 O 3.3V core power VDD 8 8 - 5V or 3.3V Positive Power Supply VSS 9 10 - Ground X2 10 11 O Oscillator output X1 11 12 I Oscillator input RST 7 7 I Active high reset DA0/P5.0 3 3 I/O PWM DAC output / General purpose I/O (CMOS) DA1/P5.1 2 2 I/O PWM DAC output / General purpose I/O (CMOS) DA2/P5.2 1 1 I/O PWM DAC output / General purpose I/O (CMOS) DA3/P5.3 40 42 I/O PWM DAC output / General purpose I/O (CMOS) DA4/P5.4 39 41 I/O PWM DAC output / General purpose I/O (CMOS) DA5/P5.5 38 40 I/O PWM DAC output / General purpose I/O (CMOS) DA6/P5.6/CKO 32 34 I/O PWM DAC output / General purpose I/O / Oscillator Freq. clock output (CMOS) DA7/P7.0/HCLAMP 33 35 I/O PWM DAC output / General purpose I/O / Hsync clamp pulse output (CMOS) DA8/P7.1 37 39 I/O PWM DAC output / General purpose I/O (open drain) DA9/P7.2 36 38 I/O PWM DAC output / General purpose I/O (open drain) HSCL1/P3.0/Rxd 28 29 I/O Slave IIC 1 clock / General purpose I/O / Rxd (open drain) HSDA1/P3.1/Txd 27 28 I/O Slave IIC 1 data / General purpose I/O / Txd (open drain) HSCL2/P7.5 6 6 I/O Slave IIC 2 clock / General purpose I/O (open drain) HSDA2/P7.6 5 5 I/O Slave IIC 2 data / General purpose I/O (open drain) P3.2/INT0 18 19 I/O General purpose I/O / INT0 (8051 standard) ISDA/P3.4/T0 12 13 I/O Master IIC data / General purpose I/O / T0 (open drain) ISCL/P7.7 13 14 I/O Master IIC clock / General purpose I/O (open drain) P1.0 16 17 I/O General purpose I/O (CMOS output or 8051 standard) P1.1 17 18 I/O General purpose I/O (CMOS output or 8051 standard) P1.2 19 20 I/O General purpose I/O (CMOS output or 8051 standard) P1.3 20 21 I/O General purpose I/O (CMOS output or 8051 standard) P1.4 21 22 I/O General purpose I/O (CMOS output or 8051 standard) P1.5 22 23 I/O General purpose I/O (CMOS output or 8051 standard) P1.6 23 24 I/O General purpose I/O (CMOS output or 8051 standard) P1.7 24 25 I/O General purpose I/O (CMOS output or 8051 standard) P6.0/AD0 26 27 I/O General purpose I/O / ADC Input (CMOS) P6.1/AD1 25 26 I/O General purpose I/O / ADC Input (CMOS) P6.2/AD2 15 16 I/O General purpose I/O / ADC Input / Half Hsync input (CMOS) P6.3/AD3 - 9 I/O General purpose I/O / ADC Input (CMOS) P6.4/DA10 29 30 I/O General purpose I/O / PWM DAC output (CMOS) P6.5/DA11 30 31 I/O General purpose I/O / PWM DAC output (CMOS) P6.6/DA12 31 32 I/O General purpose I/O / PWM DAC output (CMOS) P6.7/DA13 - 33 I/O General purpose I/O / PWM DAC output (CMOS) VBLANK/P4.0 34 36 O Vertical blank (CMOS) / General purpose Output (CMOS) HBLANK/P4.1 35 37 O Horizontal blank (CMOS) / General purpose Output (CMOS) P4.2 14 15 O General purpose Output (CMOS) HSYNC/P7.3 41 43 I/O Horizontal SYNC or Composite SYNC Input / General purpose I/O (CMOS) VSYNC/P7.4 42 44 I/O Vertical SYNC input / General purpose I/O (CMOS) |
Similar Part No. - MTV412M |
|
Similar Description - MTV412M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |